Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C7-C8 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # C7-C8
Description  Sample Program (Lux Meter)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

C7-C8 Datasheet(HTML) 3 Page - Renesas Technology Corp

  C7-C8 Datasheet HTML 1Page - Renesas Technology Corp C7-C8 Datasheet HTML 2Page - Renesas Technology Corp C7-C8 Datasheet HTML 3Page - Renesas Technology Corp C7-C8 Datasheet HTML 4Page - Renesas Technology Corp C7-C8 Datasheet HTML 5Page - Renesas Technology Corp C7-C8 Datasheet HTML 6Page - Renesas Technology Corp C7-C8 Datasheet HTML 7Page - Renesas Technology Corp C7-C8 Datasheet HTML 8Page - Renesas Technology Corp C7-C8 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REJ05B0811_0110 Rev.1.10
2007.11
Page 3 of 16
M16C/26A Group
Sample Program (Lux Meter)
5.
Operational Specification
(1) The AD value is read-in for 5 seconds after the reset switch is
depressed, and the values read during that time are averaged to
yield an initial illuminance.
(2) The initial illuminance “0” is displayed.
The initial illuminance and the current illuminance levels are
compared in Table 1.
* The AD values are set by calling the common function “AD
average” (RL_AdVeraging). Within the function, a value is
sampled 6 times, and the sampled values except the maximum and
minimum values are averaged, the result of which is returned. This
average value is acquired 8 times, the average of which is made a
fixed value.
Table 1. Initial Illuminance and Current Illuminance Levels
Initial illuminance level
- 0.70V
- 1.10V
- 1.60V
1.60V -
-4
- 0.10V
- 0.40V
- 0.90V
- 1.10V
-3
- 0.30V
- 0.60V
- 1.10V
- 1.40V
-2
- 0.50V
- 0.80V
- 1.30V
- 1.70V
-1
- 0.60V
- 1.00V
- 1.50V
- 2.00V
0
- 0.80V
- 1.20V
- 1.70V
- 2.10V
1
- 1.00V
- 1.40V
- 1.90V
- 2.30V
2
- 1.20V
- 1.60V
- 2.10V
- 2.50V
3
- 1.40V
- 1.80V
- 2.30V
- 2.60V
Displayed level
4
1.40 V -
1.80V -
2.30V -
2.60V -
(1)After reset switch depressed
A D
U S
J
T
(2)Initial illuminance displayed
(5) Current illuminance
input level changes
(3) Changed level displayed
LE
E L
V
0
LE
E L
V
-
3
LI GH T
L I G H T
L I G H T
Figure 2. Example of Program Operation
(4)5 seconds elapsed


Similar Description - C7-C8

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
FT3424 ASM-SENSOR-FT3424 Datasheet
1Mb / 4P
   LUX METER
logo
Extech Instruments Corp...
401025 EXTECH-401025_15 Datasheet
123Kb / 1P
   Foot Candle/Lux Meter
logo
Renesas Technology Corp
M16C26A-M RENESAS-M16C26A-M Datasheet
519Kb / 17P
   Sample Program (Message)
M16C26A-V RENESAS-M16C26A-V Datasheet
510Kb / 15P
   Sample Program (Voltmeter)
M16C26A-C RENESAS-M16C26A-C Datasheet
516Kb / 17P
   Sample Program (Calendar)
R8C-MS RENESAS-R8C-MS Datasheet
123Kb / 22P
   Sample Program: Musical Scales
M16C26A-MS RENESAS-M16C26A-MS Datasheet
514Kb / 17P
   Sample Program (Musical Scale)
M16C26A-TS RENESAS-M16C26A-TS Datasheet
601Kb / 17P
   Sample Program (Terminal Software)
M16C26A-EDC RENESAS-M16C26A-EDC Datasheet
638Kb / 18P
   Sample Program (Electronic Desktop Calculator)
R8C-3MT RENESAS-R8C-3MT Datasheet
112Kb / 21P
   Sample Program: 3-Minute Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com