Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM42-0007_V8 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AM42-0007_V8
Description  GaAs MMIC VSAT Power Amplifier, 2.0 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM42-0007_V8 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM42-0007_V8 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM42-0007_V8 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM42-0007_V8 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. AM42-0007_V8 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
GaAs MMIC VSAT Power Amplifier, 2.0 W
14.0 - 14.5 GHz
Rev. V8
AM42-0007
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings 1,2,3
Parameter
Absolute Maximum
VDD
12 Volts
VGG
-10 Volts
Power Dissipation
13.2 W
RF Input Power
+23 dBm
Channel Temperature
150°C
Storage Temperature
-65°C to +150°C
IDS
2100 mA
1. Exceeding any one or combination of these limits may cause
permanent damage to this device.
2. M/A-COM Technology does not recommend sustained
operation near these survivability limits.
3. Case Temperature (TC) = +25°C.
Electrical Specifications: TA = +25°C, VDD = +9 V, VGG =- 5.0 V, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Linear Gain
PIN < 0 dBm
dB
19
22
Input VSWR
PIN < 0 dBm
Ratio
2.5:1
2.7:1
Output VSWR
PIN < 0 dBm
Ratio
2.7:1
Saturated Output Power
PIN = +14 dBm
dBm
33
Output Power at P1dB
dBm
31
32
Output IP3
Two +24 dB, output tones @ 1 MHz spacing
dBm
41
Power Added Efficiency
PIN = +14 dBm
%
22
Bias Current
IDD (No RF)
IGG (No RF)
mA
mA
850
18
25
Thermal Resistance
25°C Heat Sink
°C/W
9.5
Detector Output Voltage
RL = 10 K Ω, POUT = +31dBm
V
+3.5
Typical Bias Configuration4,5,6,7,8
4. Nominal bias is obtained by first connecting –5 volts to pin 4
(VGG), followed by connection +9 volts to pin 6 (VDD). Note
sequence.
5. RF ground and thermal interface is the flange (case bottom).
Adequate heat sinking is required.
6. No DC bias voltage appears at the RF ports.
7. For optimum IP3 performance, the VDD bypass capacitors
should be placed within 0.5 inches of pin 6.
8. Resistor and capacitors surrounding the amplifier are
suggestions and not included as part of the AM42-0007.
VDD
6
3.3 µF
RF Out
8
RF In
3
0.01 µF
VGG
4
GND
1,2,5,9,10
0.01 µF
AM42-0007
VDET
7
10 K Ω


Similar Part No. - AM42-0007_V8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM42-0007-DIE MACOM-AM42-0007-DIE Datasheet
507Kb / 2P
   GaAs MMIC VSAT Power Amplifier 2W 14.0 - 14.5GHz
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
   GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
269Kb / 3P
   GaAs MMIC Power Amplifier, 2.0 W
AM42-0007-DIE MA-COM-AM42-0007-DIE_15 Datasheet
891Kb / 4P
   GaAs MMIC Power Amplifier, 2.0 W
logo
Tyco Electronics
AM42-0007 MACOM-AM42-0007_1 Datasheet
197Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4W 14.0 - 14.5GHz
More results

Similar Description - AM42-0007_V8

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AM42-0040 MA-COM-AM42-0040_15 Datasheet
613Kb / 5P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040_V5 MA-COM-AM42-0040_V5 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0007 MA-COM-AM42-0007 Datasheet
217Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0007 MA-COM-AM42-0007_15 Datasheet
742Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
154Kb / 4P
   GaAs MMIC VSAT Power Amplifier 2.0 W
AM42-0040 MA-COM-AM42-0040 Datasheet
109Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 5.9 - 6.4 GHz
AM42-0007 MA-COM-AM42-0007 Datasheet
166Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 2.0 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002_15 Datasheet
654Kb / 5P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002_V6 MA-COM-AM42-0002_V6 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
AM42-0002 MA-COM-AM42-0002 Datasheet
157Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 1.4 W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com