Electronic Components Datasheet Search |
|
947-282Z121-35SD Datasheet(PDF) 2 Page - Glenair, Inc. |
|
947-282Z121-35SD Datasheet(HTML) 2 Page - Glenair, Inc. |
2 / 2 page GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912 Printed in U.S.A. www.glenair.com CAGE CODE 06324 © 2009 Glenair, Inc. E-Mail: sales@glenair.com B-53 B 947-282 Flange Mount Hermetic Bulkhead Feed-Thru MIL-DTL-38999/21 Series III Type APPLICATION NOTES Assembly identified with manufacturer’s name and PN, space 1. permitting. Material/Finish: 2. Shell, lock ring, jam nut—CRES/passivate or CRES/nickel plate Pin Contacts—nickel iron alloy/gold plate Socket Contacts—copper alloy/gold plate Insulator, Hermetic—vitreous glass/N.A. Insulator, Socket—rigid dielectric/N.A. Socket Insulator—high grade rigid dielectric/N.A. Seals—fluorosilicone blend/ N.A. Electrical safety limits must be established by user, peak 3. voltage, switching surge, transient, etc. Should be used to determine the safety application. Hermeticity <1 x 10 4. -7 cc He/sec at 1 ATM differential Glenair 947-282 will mate with any QPL manufacturers 5. D38999 series III plugs of same shell size, broach position, and opposite contact gender. Metric dimensions (mm) are indicated in parentheses. 6. TABLE I: CONNECTOR DIMENSIONS SHELL SIZE A THREAD 0.1 P-0.3L-TS-2 B SQ. C BASIC D BASIC E F Ø H MIN. Ø G HOLES K 9 0.625 .949 .925 .719 .594 .136 .120 .224 .208 .656 .133 .123 .724 .714 11 0.750 1.043 1.019 .812 .719 .202 .186 .781 .817 .807 13 0.875 1.138 1.114 .906 .812 .202 .186 .921 .911 .901 15 1.000 1.232 1.208 .969 .906 .181 .165 1.047 .973 .963 17 1.187 1.323 1.299 1.062 .969 .202 .186 1.218 1.067 1.057 19 1.250 1.449 1.425 1.156 1.062 .202 .186 1.296 1.161 1.151 21 1.375 1.575 1.551 1.250 1.156 .202 .186 1.421 1.255 1.245 23 1.500 1.701 1.677 1.375 1.250 .162 .146 .250 .234 1.546 .159 .149 1.380 1.370 25 1.625 1.823 1.799 1.500 1.375 .250 .234 1.672 1.505 1.495 4 x G Holes K K Ø H Min. Back Panel Mounting NASA SCREENING LEvELS AND MODIFICATION CODES NASA Screening Level Special Screening Only Special Screening Plus Outgassing Processing 8 Hour Oven Bake 400° F. Thermal vacuum Outgassing 24 hrs. 125° C. Level 1 Highest Reliability Mod 429B Mod 429J Mod 429C Level 2 High Reliability Mod 429 Mod 429K Mod 429A Level 3 Standard Reliability (Use standard part number) Mod 186 Mod 186M HERMETIC LEAK RATE MOD CODES Designator Required Leak Rate –585A 1 x 10-10 cc’s Helium per second –585B 1 x 10-9 cc’s Helium per second –585C 1 x 10-8 cc’s Helium per second HERMETIC LEAK RATE MOD CODES Designator Required Leak Rate A 1 x 10-10 cc’s Helium per second B 1 x 10-9 cc’s Helium per second C 1 x 10-8 cc’s Helium per second – 585B Mod Code 585 – Increased Hermeticity Mod Code Leak Rate Designator B – (See Table Below) |
Similar Part No. - 947-282Z121-35SD |
|
Similar Description - 947-282Z121-35SD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |