Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

947-282ZL23-35PD Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 947-282ZL23-35PD
Description  Flange Mount Hermetic Bulkhead Feed-Thru
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-282ZL23-35PD Datasheet(HTML) 2 Page - Glenair, Inc.

  947-282ZL23-35PD Datasheet HTML 1Page - Glenair, Inc. 947-282ZL23-35PD Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2009 Glenair, Inc.
E-Mail: sales@glenair.com
B-53
B
947-282
Flange Mount Hermetic Bulkhead Feed-Thru
MIL-DTL-38999/21 Series III Type
APPLICATION NOTES
Assembly identified with manufacturer’s name and PN, space
1.
permitting.
Material/Finish:
2.
Shell, lock ring, jam nut—CRES/passivate or CRES/nickel plate
Pin Contacts—nickel iron alloy/gold plate
Socket Contacts—copper alloy/gold plate
Insulator, Hermetic—vitreous glass/N.A.
Insulator, Socket—rigid dielectric/N.A.
Socket Insulator—high grade rigid dielectric/N.A.
Seals—fluorosilicone blend/ N.A.
Electrical safety limits must be established by user, peak
3.
voltage, switching surge, transient, etc. Should be used
to determine the safety application.
Hermeticity <1 x 10
4.
-7
cc He/sec at 1 ATM differential
Glenair 947-282 will mate with any QPL manufacturers
5.
D38999 series III plugs of same shell size, broach
position, and opposite contact gender.
Metric dimensions (mm) are indicated in parentheses.
6.
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
A THREAD
0.1 P-0.3L-TS-2
B SQ.
C
BASIC
D
BASIC
E
F
Ø H MIN. Ø G HOLES
K
9
0.625
.949
.925
.719
.594
.136
.120
.224
.208
.656
.133
.123
.724
.714
11
0.750
1.043
1.019
.812
.719
.202
.186
.781
.817
.807
13
0.875
1.138
1.114
.906
.812
.202
.186
.921
.911
.901
15
1.000
1.232
1.208
.969
.906
.181
.165
1.047
.973
.963
17
1.187
1.323
1.299
1.062
.969
.202
.186
1.218
1.067
1.057
19
1.250
1.449
1.425
1.156
1.062
.202
.186
1.296
1.161
1.151
21
1.375
1.575
1.551
1.250
1.156
.202
.186
1.421
1.255
1.245
23
1.500
1.701
1.677
1.375
1.250
.162
.146
.250
.234
1.546
.159
.149
1.380
1.370
25
1.625
1.823
1.799
1.500
1.375
.250
.234
1.672
1.505
1.495
4 x G Holes
K
K
Ø H Min.
Back Panel
Mounting
NASA SCREENING LEvELS AND MODIFICATION CODES
NASA Screening
Level
Special Screening
Only
Special Screening Plus Outgassing
Processing
8 Hour Oven
Bake
400° F.
Thermal vacuum
Outgassing
24 hrs. 125° C.
Level 1 Highest
Reliability
Mod 429B
Mod 429J
Mod 429C
Level 2 High
Reliability
Mod 429
Mod 429K
Mod 429A
Level 3 Standard
Reliability
(Use standard part
number)
Mod 186
Mod 186M
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
–585A
1 x 10-10 cc’s Helium per second
–585B
1 x 10-9 cc’s Helium per second
–585C
1 x 10-8 cc’s Helium per second
HERMETIC LEAK RATE MOD CODES
Designator
Required Leak Rate
A
1 x 10-10 cc’s Helium per second
B
1 x 10-9 cc’s Helium per second
C
1 x 10-8 cc’s Helium per second
– 585B
Mod Code
585 – Increased Hermeticity Mod Code
Leak Rate Designator
B – (See Table Below)


Similar Part No. - 947-282ZL23-35PD

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-282 GLENAIR-947-282 Datasheet
312Kb / 2P
   Flange Mount Hermetic Bulkhead Feed-Thru
More results

Similar Description - 947-282ZL23-35PD

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-282 GLENAIR-947-282 Datasheet
312Kb / 2P
   Flange Mount Hermetic Bulkhead Feed-Thru
947-101-0935A GLENAIR-947-101-0935A Datasheet
357Kb / 1P
   Flange Mount Environmental Bulkhead Feed-Thru
947-303 GLENAIR-947-303 Datasheet
491Kb / 2P
   Narrow Flange Mount Bulkhead Feed-Thru
947-303 GLENAIR-947-303_15 Datasheet
323Kb / 2P
   Narrow Flange Mount Bulkhead Feed-Thru
232-103-H7Z108 GLENAIR-232-103-H7Z108_09 Datasheet
433Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
231-103-H9 GLENAIR-231-103-H9 Datasheet
310Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-115 GLENAIR-947-115 Datasheet
290Kb / 1P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-117 GLENAIR-947-117 Datasheet
283Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
947-278 GLENAIR-947-278 Datasheet
513Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
232-103-H9 GLENAIR-232-103-H9 Datasheet
315Kb / 2P
   Jam Nut Mount Hermetic Bulkhead Feed-Thru
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com