Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

947-041NF16-11PSW Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 947-041NF16-11PSW
Description  Bulkhead Feed-Thru, Panel Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

947-041NF16-11PSW Datasheet(HTML) 1 Page - Glenair, Inc.

  947-041NF16-11PSW Datasheet HTML 1Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2004 Glenair, Inc.
E-Mail: sales@glenair.com
C-18
947-041
NOTES:
1. ASSEMBLY IDENTIFIED WITH MANUFACTURER'S NAME AND P/N,
SPACE PERMITTING.
2. MATERIAL/FINISH:
SHELL - AL ALLOY/SEE TABLE II
INSULATORS, SPACER - HIGH GRADE RIGID DIELECTRIC
CONTACTS - COPPER ALLOY/GOLD PLATE
O-RINGS & SEALS - SILICONE/N.A.
CONNECTOR, RECEPTACLE, THRU BULKHEAD
FOR MIL-C-5015 CONNECTORS
F
E
SQ
SQ
G DIA
4 PLACES
HOW TO ORDER:
EXAMPLE:
947-041
M 18 11
P
X
BASIC NO
FINISH SYM, TABLE II
SHELL SIZE, TABLE I
INSERT ARRANGEMENT
P = PINS
ALTERNATE POSITION
S = SOCKETS
W,X,Y,Z (OMIT FOR NORMAL)
-
PER MIL-C-5015
PS = PIN/SOCKET
A
H
RECOMMEDED
MTG HOLE DIA
D THREAD
CLASS 2A
1/8 MAX PANEL
THICKNESS
O-RING
TYP
TYP
B
SYM
B
M
N
NF
FINISH DESCRIPTION
CADMIUM PLATE/OLIVE DRAB
ELECTROLESS NICKEL
CADMIUM PLATE/OLIVE DRAB
OVER NICKEL PLATE
CAD/O. D. OVER ELECTROLESS NICKEL
(500 HOUR SALT SPRAY)
TABLE II: MATERIALS AND FINISH
TABLE I: CONNECTOR DIMENSIONS
SHELL
SIZE
B
MAX
F DIM
±.005 (0.1)
G DIA
+.010 - .005
H DIA
+.015 - .000
8S
10SL
12S
12
14S
16S
16
18
20
22
24
28
32
36
40
44
48
1.750 (44.5)
1.750 (44.5)
1.750 (44.5)
2.125 (54.0)
1.750 (44.5)
2.125 (54.0)
1.750 (44.5)
2.125 (54.0)
2.125 (54.0)
2.125 (54.0)
2.125 (54.0)
2.125 (54.0)
2.125 (54.0)
2.125 (54.0)
2.125 (54.0)
2.125 (54.0)
2.125 (54.0)
2.125 (54.0)
.594 (15.1)
.719 (18.3)
.812 (20.6)
.812 (20.6)
.906 (23.0)
.906 (23.0)
.969 (24.6)
1.062 (27.0)
1.156 (29.4)
1.250 (31.8)
1.375 (34.9)
1.562 (39.7)
1.750 (44.5)
1.938 (49.2)
2.188 (55.6)
14
.969 (24.6)
.150 (3.8)
.150 (3.8)
.150 (3.8)
.150 (3.8)
.150 (3.8)
.150 (3.8)
.150 (3.8)
.150 (3.8)
.177 (4.5)
.177 (4.5)
.177 (4.5)
.177 (4.5)
.177 (4.5)
.209 (5.3)
.209 (5.3)
.209 (5.3)
.209 (5.3)
.209 (5.3)
.510 (13.0)
.635 (16.1)
.760 (19.3)
.885 (22.5)
.885 (22.5)
1.010 (25.7)
1.010 (25.7)
1.135 (28.8)
1.260 (32.0)
1.385 (35.2)
1.510 (38.4)
1.760 (44.7)
2.010 (51.1)
2.260 (57.4)
2.510 (63.8)
2.760 (70.1)
3.010 (76.5)
.760 (19.3)
2.438 (61.9)
2.688 (68.3)
(+0.3 - 0.1) (+0.4 - 0)
947-041
Bulkhead Feed-Thru, Panel Mount
MIL-DTL-5015 Type


Similar Part No. - 947-041NF16-11PSW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-042 GLENAIR-947-042 Datasheet
409Kb / 2P
   Jam Nut Mount Bulkhead Feed-Through D Series Connector
947-042 GLENAIR-947-042 Datasheet
257Kb / 2P
   MIL-DTL-5015 Type Hermetic
947-042-36-12PPW GLENAIR-947-042-36-12PPW Datasheet
409Kb / 2P
   Jam Nut Mount Bulkhead Feed-Through D Series Connector
947-042-36-12PPX GLENAIR-947-042-36-12PPX Datasheet
409Kb / 2P
   Jam Nut Mount Bulkhead Feed-Through D Series Connector
947-042-36-12PPY GLENAIR-947-042-36-12PPY Datasheet
409Kb / 2P
   Jam Nut Mount Bulkhead Feed-Through D Series Connector
More results

Similar Description - 947-041NF16-11PSW

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
947-259 GLENAIR-947-259 Datasheet
415Kb / 2P
   Panel Mount Bulkhead Feed-Thru
947-056 GLENAIR-947-056 Datasheet
259Kb / 1P
   Bulkhead Feed-Thru
231-104-00M GLENAIR-231-104-00M Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
947-045 GLENAIR-947-045 Datasheet
370Kb / 1P
   Bulkhead Feed-Thru, Jam Nut Mount
232-104-00M08 GLENAIR-232-104-00M08 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
947-303 GLENAIR-947-303 Datasheet
491Kb / 2P
   Narrow Flange Mount Bulkhead Feed-Thru
231-104-00 GLENAIR-231-104-00 Datasheet
181Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
947-101-0935A GLENAIR-947-101-0935A Datasheet
357Kb / 1P
   Flange Mount Environmental Bulkhead Feed-Thru
947-282 GLENAIR-947-282 Datasheet
369Kb / 2P
   Flange Mount Hermetic Bulkhead Feed-Thru
233-104-00M09 GLENAIR-233-104-00M09_10 Datasheet
234Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com