Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK12C68-SF45 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part No. STK12C68-SF45
Description  64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-SF45 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button STK12C68-SF45 Datasheet HTML 16Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 17Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 18Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 19Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 20Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 21Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 22Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 23Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 24Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
STK12C68
Document Number: 001-51027 Rev. *C
Page 23 of 24
Document History Page
Document Title: STK12C68 64 Kbit (8K x 8) AutoStore nvSRAM
Document Number: 001-51027
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
2606744
GVCH
01/30/2009
New data sheet
*A
2826441
GVCH
12/11/2009
Added following text in the Ordering Information section: “These parts are
not recommended for new designs. In production to support ongoing pro-
duction programs only.”
Added watermark in PDF stating “Not recommended for new designs. In
production to support ongoing production programs only.”
Added Contents on page 2.
*B
3054694
GVCH
10/12/2010
Removed the following prune parts from the document;
STK12C68-C35I
STK12C68-C45
STK12C68-L35
STK12C68-L35I
STK12C68-L45
STK12C68-L45I
STK12C68-PF25
STK12C68-PF45
STK12C68-PF45I
STK12C68-WF45
STK12C68-WF45I
STK12C68-WF25
*C
3189527
GVCH
03/07/2011
Added watermark in PDF stating “Not recommended for new designs. In
production to support ongoing production programs only.”
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn