Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK12C68-SF45 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part No. STK12C68-SF45
Description  64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-SF45 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button STK12C68-SF45 Datasheet HTML 7Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 8Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 9Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 10Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 11Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 12Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 13Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 14Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
STK12C68
Document Number: 001-51027 Rev. *C
Page 11 of 24
Switching Waveforms
Notes
7. WE and HSB must be High during SRAM Read cycles.
8. Device is continuously selected with CE and OE both Low.
9. Measured ±200 mV from steady state output voltage.
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn