Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK12C68-SF45 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part No. STK12C68-SF45
Description  64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68-SF45 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button STK12C68-SF45 Datasheet HTML 6Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 7Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 8Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 9Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 10Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 11Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 12Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 13Page - Cypress Semiconductor STK12C68-SF45 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
STK12C68
Document Number: 001-51027 Rev. *C
Page 10 of 24
AC Switching Characteristics
SRAM Read Cycle
Parameter
Description
25 ns
35 ns
45 ns
Unit
Min
Max
Min
Max
Min
Max
Cypress
Parameter
Alt
tACE
tELQV
Chip Enable Access Time
25
35
45
ns
tRC [7]
tAVAV, tELEH
Read Cycle Time
25
35
45
ns
tAA [8]
tAVQV
Address Access Time
25
35
45
ns
tDOE
tGLQV
Output Enable to Data Valid
10
15
20
ns
tOHA [8]
tAXQX
Output Hold After Address Change
5
5
5
ns
tLZCE [9]
tELQX
Chip Enable to Output Active
5
5
5
ns
tHZCE [9]
tEHQZ
Chip Disable to Output Inactive
10
10
12
ns
tLZOE [9]
tGLQX
Output Enable to Output Active
0
0
0
ns
tHZOE [9]
tGHQZ
Output Disable to Output Inactive
10
10
12
ns
tPU [6]
tELICCH
Chip Enable to Power Active
0
0
0
ns
tPD [6]
tEHICCL
Chip Disable to Power Standby
25
35
45
ns
Switching Waveforms
Figure 7. SRAM Read Cycle 1: Address Controlled [7, 8]
Figure 8. SRAM Read Cycle 2: CE and OE Controlled [7]
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn