Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY26121ZI-3T Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY26121ZI-3T
Description  PacketClock??Spread Spectrum Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY26121ZI-3T Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY26121ZI-3T Datasheet HTML 1Page - Cypress Semiconductor CY26121ZI-3T Datasheet HTML 2Page - Cypress Semiconductor CY26121ZI-3T Datasheet HTML 3Page - Cypress Semiconductor CY26121ZI-3T Datasheet HTML 4Page - Cypress Semiconductor CY26121ZI-3T Datasheet HTML 5Page - Cypress Semiconductor CY26121ZI-3T Datasheet HTML 6Page - Cypress Semiconductor CY26121ZI-3T Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
CY26121
Document #: 38-07350 Rev. *A
Page 6 of 7
Package Drawing and Dimensions
Figure 4. 16-lead Thin Shrunk Small Outline Package (4.40 MM Body) Z16
51-85091-**
Parameter
Inches
Millimeters
Min
Nom.
Max
Min
Nom.
Max.
A
0.047
1.20
A1
0.002
0.006
0.05
0.15
A2
0.031
0.039
0.041
0.80
1.00
1.05
B
0.007
0.012
0.19
0.30
C
0.004
0.008
0.09
0.20
D
0.193
0.197
0.201
4.90
5.00
5.10
E
0.169
0.173
0.177
4.30
4.40
4.50
e
0.026 BSC
0.65 BSC
H
0.244
0.252
0.260
6.20
6.40
6.60
L
0.018
0.024
0.030
0.45
0.60
0.75
a
[+] Feedback


Similar Part No. - CY26121ZI-3T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26121ZI-3T CYPRESS-CY26121ZI-3T Datasheet
62Kb / 6P
   PacketClock Spread Spectrum Clock Generator
More results

Similar Description - CY26121ZI-3T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY26121 CYPRESS-CY26121 Datasheet
62Kb / 6P
   PacketClock Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com