Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYF0072V18L-133BGXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYF0072V18L-133BGXI
Description  18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYF0072V18L-133BGXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYF0072V18L-133BGXI Datasheet HTML 5Page - Cypress Semiconductor CYF0072V18L-133BGXI Datasheet HTML 6Page - Cypress Semiconductor CYF0072V18L-133BGXI Datasheet HTML 7Page - Cypress Semiconductor CYF0072V18L-133BGXI Datasheet HTML 8Page - Cypress Semiconductor CYF0072V18L-133BGXI Datasheet HTML 9Page - Cypress Semiconductor CYF0072V18L-133BGXI Datasheet HTML 10Page - Cypress Semiconductor CYF0072V18L-133BGXI Datasheet HTML 11Page - Cypress Semiconductor CYF0072V18L-133BGXI Datasheet HTML 12Page - Cypress Semiconductor CYF0072V18L-133BGXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CYF0018V, CYF0036V
CYF0072V
Document Number: 001-53687 Rev. *H
Page 9 of 29
Table 2. Configuration Registers
ADDR
Configuration Register
Default
Bit [7]
Bit [6] Bit [5]
Bit [4]
Bit [3]
Bit [2]
Bit [1]
Bit [0]
0x1
Reserved
0x00
X
X
X
X
X
X
X
X
0x2
Reserved
0x00
X
X
X
X
X
X
X
X
0x3
Reserved
0x00
X
X
X
X
X
X
X
X
0x4
Almost-Empty Flag generation
address - (LSB) (N)
0x7F
D7
D6
D5
D4
D3
D2
D1
D0
0x5
Almost-Empty Flag generation
address - (MSB) (N)
0x00
XX
X
X
XX
D9
D8
0x6
Reserved
0x00
X
X
X
X
X
X
X
X
0x7
Almost-Full Flag generation
address - (LSB) (M)
0x7F
D7
D6
D5
D4
D3
D2
D1
D0
0x8
Almost-Full Flag generation
address - (MSB) (M)
0x00
XX
X
X
XX
D9
D8
0x9
Reserved
0x00
X
X
X
X
X
X
X
X
0xA
Fast CLK Bit Register
1XXXXXXXb Fast CLK
bit
XX
X
X
X
X
X
Table 3. Writing and Reading Configuration Registers in Parallel Mode
SPI_SEN
LD
WEN
REN
WCLK
RCLK
SPI_SCLK
Operation
10
0
1
 First rising edge
because both LD and
REN are low
X
X
Parallel write to first register
10
0
1
 Second rising edge
X
X
Parallel write to second register
10
0
1
 Third rising edge
X
X
Parallel write to third register
10
0
1
 Fourth rising edge
X
X
Parallel write to fourth register
10
0
1

XX

10
0
1

XX

10
0
1

XX

10
0
1
 Tenth rising edge
X
X
Parallel write to tenth register
10
0
1
 Eleventh rising edge
X
X
Parallel write to first register
(roll back)
10
1
0
X
 First rising edge since
both LD and REN are
low
X
Parallel read from first register
10
1
0
X
 Second rising edge
X
Parallel read from second
register
10
1
0
X
 Third rising edge
X
Parallel read from third register
10
1
0
X
 Fourth rising edge
X
Parallel read from fourth
register
10
1
0
X

X

10
1
0
X

X

10
1
0
X

X

10
1
0
X
 Tenth rising edge
X
Parallel read from tenth
register


Similar Part No. - CYF0072V18L-133BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0072V18L-133BGXI CYPRESS-CYF0072V18L-133BGXI Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CYF0072V18L-133BGXI CYPRESS-CYF0072V18L-133BGXI Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
More results

Similar Description - CYF0072V18L-133BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0018V CYPRESS-CYF0018V_13 Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
CYF0018V CYPRESS-CYF0018V_12 Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
   18/36/72-Mbit Programmable 2-Queue FIFOs
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
   18/36/72-Mbit Programmable Multi-Queue FIFOs
CYF2018V CYPRESS-CYF2018V Datasheet
943Kb / 30P
   18/36/72-Mbit Programmable Multi-Queue FIFOs Independent read and write ports
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
   18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com