Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK12C68 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part No. STK12C68
Description  64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

STK12C68 Datasheet(HTML) 16 Page - Cypress Semiconductor

Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
STK12C68
Document Number: 001-51027 Rev. *C
Page 16 of 24
Hardware STORE Cycle
Parameter
Alt
Description
STK12C68
Unit
Min
Max
tSTORE [9, 14]
tHLHZ
STORE Cycle Duration
10
ms
tDHSB [14, 19]
tRECOVER, tHHQX Hardware STORE High to Inhibit Off
700
ns
tPHSB
tHLHX
Hardware STORE Pulse Width
15
ns
tHLBL
Hardware STORE Low to STORE Busy
300
ns
Switching Waveform
Figure 13. Hardware STORE Cycle
Note
19. tDHSB is only applicable after tSTORE is complete.
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn