Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STK12C68 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part No. STK12C68
Description  64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STK12C68 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button STK12C68_11 Datasheet HTML 13Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 14Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 15Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 16Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 17Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 18Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 19Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 20Page - Cypress Semiconductor STK12C68_11 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
STK12C68
Document Number: 001-51027 Rev. *C
Page 17 of 24
Part Numbering Nomenclature
Packaging Option:
TR = Tape and Reel
Blank = Tube
Speed:
25 - 25 ns
35 - 35 ns
Package:
S = Plastic 28-pin 330 mil SOIC
STK12C68 - S F 45 I TR
Temperature Range:
C - Commercial (0 to 70°C)
P
W = Plastic 28-pin 600 mil DIP
C = Ceramic 28-pin 300 mil DIP
L = Ceramic 28-pin LLC
= Plastic 28-pin 300 mil DIP
Lead Finish
F = 100% Sn (Matte Tin)
45 - 45 ns
I - Industrial (-40 to 85°C)
Ordering Information
These parts are not recommended for new designs. They are in production to support ongoing production programs only.
Speed (ns)
Ordering Code
Package Diagram
Package Type
Operating Range
25
STK12C68-SF25TR
001-85058
28-pin SOIC (330 mil)
Commercial
STK12C68-SF25
001-85058
28-pin SOIC (330 mil)
STK12C68-SF25ITR
001-85058
28-pin SOIC (330 mil)
Industrial
STK12C68-SF25I
001-85058
28-pin SOIC (330 mil)
STK12C68-PF25I
001-85014
28-pin PDIP (300 mil)
STK12C68-WF25I
001-85017
28-pin PDIP (600 mil)
35
STK12C68-C35
001-51695
28-pin CDIP (300 mil)
Commercial
45
STK12C68-SF45TR
001-85058
28-pin SOIC (330 mil)
Commercial
STK12C68-SF45
001-85058
28-pin SOIC (330 mil)
STK12C68-SF45ITR
001-85058
28-pin SOIC (330 mil)
Industrial
STK12C68-SF45I
001-85058
28-pin SOIC (330 mil)
STK12C68-C45I
001-51695
28-pin CDIP (300 mil)
All parts are Pb-free. The above table contains Final information. Contact your local Cypress sales representative for availability of these parts
[+] Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn