Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYF0036V33L-133BGXI Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYF0036V33L-133BGXI
Description  18/36/72 Mbit Programmable FIFOs Master reset to clear entire FIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYF0036V33L-133BGXI Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CYF0036V33L-133BGXI Datasheet HTML 2Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 3Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 4Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 5Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 6Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 7Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 8Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 9Page - Cypress Semiconductor CYF0036V33L-133BGXI Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CYF0018V, CYF0036V
CYF0072V
Document Number: 001-53687 Rev. *H
Page 6 of 29
DVal
Output
Data valid: Active low data valid signal to indicate valid data on Q[35:0]
PORTSZ [2:0]
Input
Port word size select: Port word width select pins (common for read and write ports)
VCC1
Power
Supply
Core voltage supply 1: 1.8V supply voltage
VCC2
Power
Supply
Core voltage supply 2: 1.5V supply voltage
VCCIO
Power
Supply
Supply for I/Os
Vref
Input
Reference
Reference voltage: Reference voltage (regardless of I/O standard used)
VSS
Ground
Ground
DNU
Do not use: These pins need to be left floating
Pin Definitions (continued)
Pin Name
I/O
Pin Description


Similar Part No. - CYF0036V33L-133BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0036V33L-133BGXI CYPRESS-CYF0036V33L-133BGXI Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CYF0036V33L-133BGXI CYPRESS-CYF0036V33L-133BGXI Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
More results

Similar Description - CYF0036V33L-133BGXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYF0018V CYPRESS-CYF0018V_13 Datasheet
625Kb / 36P
   18/36/72-Mbit Programmable FIFOs
CYF0018V CYPRESS-CYF0018V_12 Datasheet
697Kb / 30P
   18/36/72-Mbit Programmable FIFOs
CYF1018V CYPRESS-CYF1018V_12 Datasheet
655Kb / 29P
   18/36/72-Mbit Programmable 2-Queue FIFOs
CYF2018V CYPRESS-CYF2018V_12 Datasheet
624Kb / 31P
   18/36/72-Mbit Programmable Multi-Queue FIFOs
CYF2018V CYPRESS-CYF2018V Datasheet
943Kb / 30P
   18/36/72-Mbit Programmable Multi-Queue FIFOs Independent read and write ports
CYF1018V CYPRESS-CYF1018V Datasheet
921Kb / 28P
   18/36/72-Mbit Programmable 2-Queue FIFOs Independent read and write ports
CY7C1481V25 CYPRESS-CY7C1481V25 Datasheet
1Mb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Flow-Through SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_06 Datasheet
578Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480BV25 CYPRESS-CY7C1480BV25 Datasheet
933Kb / 31P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
CY7C1480V33 CYPRESS-CY7C1480V33_07 Datasheet
1Mb / 32P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com