Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYONS2001-LBXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CYONS2001-LBXC
Description  OvationONS??II Wireless Laser Navigation System-on-Chip
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYONS2001-LBXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CYONS2001-LBXC Datasheet HTML 4Page - Cypress Semiconductor CYONS2001-LBXC Datasheet HTML 5Page - Cypress Semiconductor CYONS2001-LBXC Datasheet HTML 6Page - Cypress Semiconductor CYONS2001-LBXC Datasheet HTML 7Page - Cypress Semiconductor CYONS2001-LBXC Datasheet HTML 8Page - Cypress Semiconductor CYONS2001-LBXC Datasheet HTML 9Page - Cypress Semiconductor CYONS2001-LBXC Datasheet HTML 10Page - Cypress Semiconductor CYONS2001-LBXC Datasheet HTML 11Page - Cypress Semiconductor CYONS2001-LBXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
CYONS2001
Document Number: 001-44045 Rev. *G
Page 8 of 35
PSoC Functional Overview
Cypress's programmable system-on-chip (PSoC) on-chip
controllers combine dynamic, configurable analog and digital
blocks and an 8-bit MCU on a single chip, replacing multiple
discrete components while delivering advanced flexibility and
functionality. A PSoC device includes configurable analog and
digital blocks, and programmable interconnect. This architecture
can create customized peripheral configurations to match the
requirements of each individual application. Additionally, a fast
CPU, flash program memory, SRAM data memory, and
configurable I/O are included in a range of convenient pinouts.
The architecture for this device family, as illustrated in Figure 2
on page 4, contains: the core, the navigation sensor, the power
system, and the system resources. A common, versatile bus
enables connection between I/O and the analog system. GPIO,
which provides access to the MCU and analog mux, is also
included.
The PSoC Core
The PSoC core is a powerful engine that supports a rich
instruction set. The PSoC core encompasses SRAM for data
storage, an interrupt controller, sleep and watchdog timers, an
IMO, and an Internal Low Speed Oscillator ILO. The CPU core,
called the M8C, is a powerful processor with speeds up to
24 MHz. The M8C is a 4 miliion instructions per second (MIPS)
8-bit Harvard architecture microprocessor.
System resources provide additional capability, such as
configurable USB and SPI master-slave communication
interface, three 16-bit programmable timers, and various system
resets supported by the M8C.
The Analog Multiplexer System
The analog mux bus connects to every GPIO pin. Pins are
connected to the bus individually or in any combination. Analog
signals may be routed to an internal ADC.
Other multiplexer applications include:
Chip-wide mux that enables analog input from any I/O pin
Crosspoint connection between any I/O pin combinations
Additional System Resources
System resources, some previously listed, provide additional
capability useful to complete systems. Additional resources
include low voltage detection and power on reset. The following
statements describe the merits of each system resource:
The SPI master/slave module
Provides communication over three or four wires
Runs at speeds of 46.9 kHz to 3 MHz (lower for a slower
system clock).
An I2C slave module
Low voltage detection (LVD) interrupts can signal the
application of falling voltage levels, while the advanced POR
circuit eliminates the need for a system supervisor.
An internal reference provides an absolute reference for
capacitive sensing.
Getting Started
For in depth information, along with detailed programming
details, see the PSoC® Technical Reference Manual.
For up-to-date ordering, packaging, and electrical specification
information, see the latest PSoC device datasheets on the web.
Application Notes
Cypress application notes are an excellent introduction to the
wide variety of possible PSoC designs.
Development Kits
PSoC Development Kits are available online from and through a
growing number of regional and global distributors, which
include Arrow, Avnet, Digi-Key, Farnell, Future Electronics, and
Newark.
Training
Free PSoC technical training (on demand, webinars, and
workshops), which is available online via www.cypress.com,
covers a wide variety of topics and skill levels to assist you in
your designs.
CYPros Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed PSoC designs. To contact or become a
PSoC Consultant go to the CYPros Consultants web site.
Solutions Library
Visit our growing library of solution focused designs. Here you
can find various application designs that include firmware and
hardware design files that enable you to complete your designs
quickly.
Technical Support
Technical support – including a searchable Knowledge Base
articles and technical forums – is also available online. If you
cannot find an answer to your question, call our Technical
Support hotline at 1-800-541-4736.
[+] Feedback


Similar Part No. - CYONS2001-LBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 36P
   OvationONS??II Wired Laser Navigation System-on-Chip
More results

Similar Description - CYONS2001-LBXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYONS2110 CYPRESS-CYONS2110 Datasheet
1Mb / 36P
   OvationONS??II Wired/Wireless Laser Navigation System-on-Chip
CYONS2000 CYPRESS-CYONS2000 Datasheet
1Mb / 36P
   OvationONS??II Wired Laser Navigation System-on-Chip
CYONS2100 CYPRESS-CYONS2100 Datasheet
1Mb / 36P
   OvationONS??II Wired Gaming Laser Navigation System-on-Chip
CYONS1001X CYPRESS-CYONS1001X_09 Datasheet
1Mb / 24P
   OvationONS Laser Navigation Sensors
CYONS1001X CYPRESS-CYONS1001X Datasheet
1Mb / 24P
   OvationONS??Laser Navigation Sensors
CYONS1001L CYPRESS-CYONS1001L Datasheet
267Kb / 9P
   OvationONS??1L - Laser Navigation Sensor
logo
Broadcom Corporation.
BCM4760 BOARDCOM-BCM4760 Datasheet
532Kb / 2P
   PERSONAL NAVIGATION SYSTEM-ON-CHIP
logo
STMicroelectronics
STA2059 STMICROELECTRONICS-STA2059 Datasheet
73Kb / 4P
   IN VEHICLE NAVIGATION/TELEMATICS SYSTEM ON CHIP
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
[Old version datasheet]   Powerful Wireless Microcontroller System-On-Chip
logo
STMicroelectronics
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
   Bluetooth짰 low energy wireless system-on-chip
November 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com