Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD02S36VA-167BBC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CYD02S36VA-167BBC
Description  FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD02S36VA-167BBC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CYD02S36VA-167BBC Datasheet HTML 6Page - Cypress Semiconductor CYD02S36VA-167BBC Datasheet HTML 7Page - Cypress Semiconductor CYD02S36VA-167BBC Datasheet HTML 8Page - Cypress Semiconductor CYD02S36VA-167BBC Datasheet HTML 9Page - Cypress Semiconductor CYD02S36VA-167BBC Datasheet HTML 10Page - Cypress Semiconductor CYD02S36VA-167BBC Datasheet HTML 11Page - Cypress Semiconductor CYD02S36VA-167BBC Datasheet HTML 12Page - Cypress Semiconductor CYD02S36VA-167BBC Datasheet HTML 13Page - Cypress Semiconductor CYD02S36VA-167BBC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
CYD02S36V/36VA
Document Number: 38-06076 Rev. *J
Page 10 of 28
IEEE 1149.1 Serial Boundary Scan (JTAG)[18]
The FLEx36 family devices incorporate an IEEE 1149.1 serial
boundary scan test access port (TAP). The TAP controller
functions in a manner that does not conflict with the operation of
other devices using 1149.1-compliant TAPs. The TAP operates
using JEDEC-standard 3.3V IO logic levels. It is composed of
three input connections and one output connection required by
the test logic defined by the standard.
Performing a TAP Reset
A reset is performed by forcing TMS HIGH (VDD) for five rising
edges of TCK. This reset does not affect the operation of the
devices, and may be performed while the device is operating. An
MRST must be performed on the devices after power up.
Performing a Pause/Restart
When a SHIFT-DR PAUSE-DR SHIFT-DR is performed the scan
chain outputs the next bit in the chain twice. For example, if the
value expected from the chain is 1010101, the device outputs a
11010101. This extra bit causes some testers to report an
erroneous failure for the devices in a scan test. Therefore the
tester must be configured to never enter the PAUSE-DR state.
215 214
26
21
25
22
24 23
20
215 214
26
21
25
22
24 23
20
215 214
26
21
25
22
24 23
20
215 214
26
21
25
22
24 23
20
H
H
L
H
11
0s
1
0
1
0
1
01
00
Xs
1
X
0
X
0
X0
11
Xs
1
X
1
X
1
X1
00
Xs
1
X
0
X
0
X0
Masked Address
Unmasked Address
Mask
Register
bit-0
Address
Counter
bit-0
CNTINT
Example:
Load
Counter-Mask
Register = 3F
Load
Address
Counter = 8
Max
Address
Register
Max + 1
Address
Register
Figure 3. Programmable Counter-Mask Register Operation[17]
Table 4. Identification Register Definitions
Instruction Field
Value
Description
Revision number (31:28)
0h
Reserved for version number.
Cypress device ID (27:12)
C001h
Defines Cypress part number for CYD02S36V/36VA
Cypress JEDEC ID (11:1)
034h
Allows unique identification of the DP family device vendor.
ID register presence (0)
1
Indicates the presence of an ID register.
Notes
17. The “X” in this diagram represents the counter upper bits.
18. Boundary scan is IEEE 1149.1-compatible. See “Performing a Pause/Restart” for deviation from strict 1149.1 compliance.
[+] Feedback


Similar Part No. - CYD02S36VA-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD02S36VA-167BBC CYPRESS-CYD02S36VA-167BBC Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
More results

Similar Description - CYD02S36VA-167BBC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com