Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62128EV30LL-45ZXI Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY62128EV30LL-45ZXI
Description  1-Mbit (128 K 횞 8) Static RAM Typical standby current: 1 關A
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62128EV30LL-45ZXI Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY62128EV30LL-45ZXI Datasheet HTML 1Page - Cypress Semiconductor CY62128EV30LL-45ZXI Datasheet HTML 2Page - Cypress Semiconductor CY62128EV30LL-45ZXI Datasheet HTML 3Page - Cypress Semiconductor CY62128EV30LL-45ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62128EV30LL-45ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62128EV30LL-45ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62128EV30LL-45ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62128EV30LL-45ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62128EV30LL-45ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CY62128EV30 MoBL®
Document #: 38-05579 Rev. *I
Page 5 of 15
Capacitance
Parameter[9]
Description
Test Conditions
Max
Unit
CIN
Input capacitance
TA = 25 °C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output capacitance
10
pF
Note
9. Tested initially and after any design or process changes that may affect these parameters.
10. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
11. Chip enables (CE1 and CE2) must be at CMOS level to meet the ISB2 / ICCDR spec. Other inputs can be left floating.
12. Full device AC operation requires linear VCC ramp from VDR to VCC(min) > 100 µs or stable at VCC(min)  100 µs.
Thermal Resistance
Parameter[9]
Description
Test Conditions
TSOP I
SOIC
STSOP
Unit
JA
Thermal resistance
(junction to ambient)
Still air, soldered on a 3 x 4.5 inch,
two-layer printed circuit board
33.01
48.67
32.56
°C/W
JC
Thermal resistance
(junction to case)
3.42
25.86
3.59
°C/W
Figure 4. AC Test Loads and Waveforms
VCC
VCC
OUTPUT
R2
30 pF
INCLUDING
JIG AND
SCOPE
GND
90%
10%
90%
10%
Rise Time = 1 V/ns
Fall Time = 1 V/ns
OUTPUT
V
Equivalent to:
THEVENIN
EQUIVALENT
ALL INPUT PULSES
RTH
R1
Parameters
2.50V
3.0V
Unit
R1
16667
1103
R2
15385
1554
RTH
8000
645
VTH
1.20
1.75
V
Data Retention Characteristics
(Over the Operating Range)
Parameter
Description
Conditions
Min
Typ[10] Max Unit
VDR
VCC for data retention
1.5
V
ICCDR[11]
Data retention current
VCC = 1.5 V,
CE1 > VCC 0.2 V or CE2 < 0.2 V,
VIN > VCC 0.2 V or VIN < 0.2 V
Industrial
3
µA
tCDR[9]
Chip deselect to data retention time
0
ns
tR[12]
Operation recovery time
45
ns
[+] Feedback


Similar Part No. - CY62128EV30LL-45ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128EV30LL-45ZXI CYPRESS-CY62128EV30LL-45ZXI Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY62128EV30LL-45ZXI CYPRESS-CY62128EV30LL-45ZXI Datasheet
884Kb / 12P
   1 Mbit (128K x 8) Static RAM
CY62128EV30LL-45ZXI CYPRESS-CY62128EV30LL-45ZXI Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62128EV30LL-45ZXI CYPRESS-CY62128EV30LL-45ZXI Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
More results

Similar Description - CY62128EV30LL-45ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
CY62128ELL-45ZXIT CYPRESS-CY62128ELL-45ZXIT Datasheet
970Kb / 19P
   1-Mbit (128 K 횞 8) Static RAM
CY7C109D CYPRESS-CY7C109D_11 Datasheet
392Kb / 14P
   1-Mbit (128 K 횞 8) Static RAM Low active power
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
CY621282BN_1106 CYPRESS-CY621282BN_1106 Datasheet
508Kb / 14P
   1-Mbit (128 K x 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_11 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM Center Power/Ground Pinout
CY7C1019D CYPRESS-CY7C1019D_11 Datasheet
870Kb / 15P
   1-Mbit (128 K 횞 8) Static RAM CMOS for optimum speed/power
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com