Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYD02S36V Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CYD02S36V
Description  FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYD02S36V Datasheet(HTML) 4 Page - Cypress Semiconductor

  CYD02S36V_11 Datasheet HTML 1Page - Cypress Semiconductor CYD02S36V_11 Datasheet HTML 2Page - Cypress Semiconductor CYD02S36V_11 Datasheet HTML 3Page - Cypress Semiconductor CYD02S36V_11 Datasheet HTML 4Page - Cypress Semiconductor CYD02S36V_11 Datasheet HTML 5Page - Cypress Semiconductor CYD02S36V_11 Datasheet HTML 6Page - Cypress Semiconductor CYD02S36V_11 Datasheet HTML 7Page - Cypress Semiconductor CYD02S36V_11 Datasheet HTML 8Page - Cypress Semiconductor CYD02S36V_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
CYD02S36V/36VA
Document Number: 38-06076 Rev. *J
Page 4 of 28
Pin Configurations
Figure 1. Pin Diagram - 256-ball FBGA (Top View)
CYD02S36V/36VA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A DQ32L DQ30L DQ28L
DQ26L
DQ24L
DQ22L
DQ20L
DQ18L DQ18R DQ20R DQ22R DQ24R
DQ26R
DQ28R
DQ30R DQ32R
B DQ33L DQ31L DQ29L
DQ27L
DQ25L
DQ23L
DQ21L
DQ19L DQ19R DQ21R DQ23R DQ25R
DQ27R
DQ29R
DQ31R DQ33R
C DQ34L DQ35L
RETL
[1,2]
INTL
NC
[1,4]
NC
[1,4]
REVL
[1,3]
TRST
[1,4]
MRST
NC
[1,4]
NC
[1,4]
NC
[1,4]
INTR
RETR
[1,2]
DQ35R DQ34R
D
A0L
A1L
WRPL
[1,2]
VREFL
[1,3]
FTSELL
[1,2]
LOWSP
DL [1,3]
VSS
VTTL
VTTL
VSS
LOWSP
DR [1,3]
FTSEL
R [1,2]
VREFL
[1,3]
WRPR
[1,2]
A1R
A0R
E
A2L
A3L
CE0L
CE1L
VDDIOL VDDIOL VDDIOL VCORE VCORE VDDIO
R
VDDIO
R
VDDIO
R
CE1R
CE0RA3R
A2R
F
A4L
A5L
CNTINTL
BE3L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIO
R
BE3RCNTINTRA5R
A4R
G
A6L
A7L
BUSYL
[1,4]
BE2L
REVL
[1,2]
VSS
VSS
VSS
VSS
VSS
VSS
VDDIO
R
BE2R
BUSYR
[1,4]
A7R
A6R
H
A8L
A9L
CL
VTTL
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
VTTL
CR
A9R
A8R
J
A10L
A11L
VSS
PORTST
D1L
[1,3]
VCORE
VSS
VSS
VSS
VSS
VSS
VSS
VCORE
PORTSTD
1R
[1,3]
VSS
A11R
A10R
K
A12L
A13L
OEL
BE1L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIO
R
BE1ROER
A13R
A12R
L
A14L
A15L
ADSL
BE0L
VDDIOL
VSS
VSS
VSS
VSS
VSS
VSS
VDDIO
R
BE0R
ADSRA15R
A14R
M
NC
[1,4]
NC
[1,4]
R/WL
REVL
[1,3]
VDDIOL VDDIOL VDDIOL VCORE VCORE VDDIO
R
VDDIO
R
VDDIO
R
REVR
[1,3]
R/WR
NC
[1,4]
NC
[1,4]
N
NC
[1,4]
NC
[1,4]
CNT/
MSKL
VREFL
[1,3]
PortST
D0L
[1,3]
READY
L [1,4]
REVL
[1,2]
VTTL
VTTL
REVR
[1,2]
READY
R [1,4]
PortST
D0R
[1,3]
VREFR
[1,3]
CNT/
MSKR
NC
[1,4]
NC
[1,4]
P DQ16L DQ17L CNTENLCNTRSTL
NC
[1,4]
NC
[1,4]
TCK
TMS
TDO
TDI
NC
[1,4]
NC
[1,4]
CNTRSTR CNTENR DQ17R DQ16R
R DQ15L DQ13L
DQ11L
DQ9L
DQ7L
DQ5L
DQ3L
DQ1L
DQ1R
DQ3R
DQ5R
DQ7R
DQ9R
DQ11R
DQ13R DQ15R
T DQ14L DQ12L DQ10L
DQ8L
DQ6L
DQ4L
DQ2L
DQ0L
DQ0R
DQ2R
DQ4R
DQ6R
DQ8R
DQ10R
DQ12R DQ14R
Notes
1. This ball represents a next generation Dual-Port feature. For more information about this feature, contact Cypress Sales.
2. Connect this ball to VDDIO. For more information about this next generation Dual-Port feature contact Cypress Sales.
3. Connect this ball to VSS. For more information about this next generation Dual-Port feature, contact Cypress Sales.
4. Leave this ball unconnected. For more information about this feature, contact Cypress Sales.
[+] Feedback


Similar Part No. - CYD02S36V_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD02S36V-133BBC CYPRESS-CYD02S36V-133BBC Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V-133BBC CYPRESS-CYD02S36V-133BBC Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V-133BBI CYPRESS-CYD02S36V-133BBI Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V-133BBI CYPRESS-CYD02S36V-133BBI Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD02S36V-167BBC CYPRESS-CYD02S36V-167BBC Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
More results

Similar Description - CYD02S36V_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYD02S36V CYPRESS-CYD02S36V_13 Datasheet
769Kb / 29P
   FLEx36??3.3 V (64K x 36) Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V_08 Datasheet
623Kb / 28P
   FLEx36??3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CYD01S36V CYPRESS-CYD01S36V Datasheet
483Kb / 28P
   FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_12 Datasheet
336Kb / 22P
   3.3 V 32K/64K x 16/18 Dual-Port Static RAM
CY7C0850AV CYPRESS-CY7C0850AV Datasheet
829Kb / 31P
   FLEx36TM 3.3V 32K/64K/128K/256K x 36 Synchronous Dual-Port RAM
logo
Integrated Silicon Solu...
IS61LP6432A ISSI-IS61LP6432A Datasheet
110Kb / 17P
   64K x 32, 64K x 36 SYNCHRONOUS PIPELINED STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com