Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

891-001-15PA1-0B Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 891-001-15PA1-0B
Description  Nanominiature Connectors Double Row Insulated Wire Pigtail Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

891-001-15PA1-0B Datasheet(HTML) 1 Page - Glenair, Inc.

  891-001-15PA1-0B Datasheet HTML 1Page - Glenair, Inc. 891-001-15PA1-0B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
35
E-Mail: sales@glenair.com
HOW TO ORDER NANOMINIATURE CONNECTORS WITH INSULATED WIRE
Series
Insert
Arrangement/
Contact Type
Shell Material
and Finish
Wire
Gage
Wire Type
Wire
Color
Code
Wire
Length
Inches
Hardware
891-001
Plug, Pin
Contacts,
Double Row,
Nanominiature
891-002
Receptacle,
Socket Contacts,
Double Row,
Nanominiature
Plugs (891-001)
9P
15P
21P
25P
31P
37P
51P
Receptacles (891-002)
9S
15S
21S
25S
31S
37S
51S
A1
Aluminum Shell,
Cadmium Plating
A2
Aluminum Shell,
Electroless
Nickel Plating
T
Titanium Shell,
Unplated
S
Stainless Steel
Shell, Passivated
0
#30 AWG
2
#32 AWG
A
Ultralightweight XLETFE Insulation,
Silver-Coated Ultrahigh-Strength
Copper (Not available for #32 AWG)
B
Extruded PTFE Insulation, NEMA
HP3-ETX (MIL-W-16878/6)
C
Cross-Linked Modified ETFE
Insulation, MIL-W-22759/33
(Not available for #32 AWG)
1
White
2
Yellow
7
10 Color
Repeating
(wire type
A is striped,
types B and
C are solid
colors)
18
Wire
Length In
Inches. “18”
Specifies 18
Inches.
J
Jackscrew,
#0-80
T
#0-80
Female
Threads
Female
threads are
available
on plug
connectors
only if the
shell material
is titanium or
stainless steel.
Sample Part Number
891-002
— 37S
A1
—0
A
1
— 12
J
891-001 and -002
Series 89 Nanominiature Connectors
Double Row Insulated Wire Pigtail Assemblies
PLUG (PIN) CONNECTOR
RECEPTACLE (SOCKET) CONNECTOR
“T” Female Thread Option
“J” Jackscrew Option
“J” Jackscrew Option
Glenair’s Pigtail Nano Connectors feature gold alloy
TwistPin contacts. Contacts are precision-crimped to insulated,
stranded wire. These nanomimiature connectors offer premium
preformance and reliability for demanding applications.
Contact spacing is .025 inches. 1 amp current rating, DWV
rating 300 volts AC. Wire gages #30 and #32 AWG.
TwistPin Contact System assures premium performance in
demanding environments. The gold/platinum alloy contacts will
stand up to years of exposure without corrosion.
Typical Applications include UAV's, satellites, missile
systems and geophysical instruments.
“T” Female Thread Option
Titanium or Stainless Steel
Shells Only


Similar Part No. - 891-001-15PA1-0B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
891-003 GLENAIR-891-003 Datasheet
197Kb / 2P
   Nanominiature Connectors Double Row Uninsulated Wire Pigtail Assemblies
891-003-15PA1-0D3 GLENAIR-891-003-15PA1-0D3 Datasheet
197Kb / 2P
   Nanominiature Connectors Double Row Uninsulated Wire Pigtail Assemblies
891-003-15PA1-2D3 GLENAIR-891-003-15PA1-2D3 Datasheet
197Kb / 2P
   Nanominiature Connectors Double Row Uninsulated Wire Pigtail Assemblies
891-003-15PA2-0D3 GLENAIR-891-003-15PA2-0D3 Datasheet
197Kb / 2P
   Nanominiature Connectors Double Row Uninsulated Wire Pigtail Assemblies
891-003-15PA2-2D3 GLENAIR-891-003-15PA2-2D3 Datasheet
197Kb / 2P
   Nanominiature Connectors Double Row Uninsulated Wire Pigtail Assemblies
More results

Similar Description - 891-001-15PA1-0B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
891-003 GLENAIR-891-003 Datasheet
197Kb / 2P
   Nanominiature Connectors Double Row Uninsulated Wire Pigtail Assemblies
890-001 GLENAIR-890-001 Datasheet
153Kb / 2P
   Single Row Insulated Wire Pigtail Assemblies
891-005 GLENAIR-891-005 Datasheet
205Kb / 2P
   Nanominiature Connectors Double Row Back-To-Back
891-010 GLENAIR-891-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
M32139-01-A01SCS GLENAIR-M32139-01-A01SCS Datasheet
426Kb / 2P
   Nanominiature Connectors
890-003 GLENAIR-890-003 Datasheet
134Kb / 2P
   Single Row Uninsulated Wire Pigtail Assemblies
M32139-03-A01SCS GLENAIR-M32139-03-A01SCS Datasheet
266Kb / 2P
   Nanominiature Connectors
891-012 GLENAIR-891-012 Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
890-005 GLENAIR-890-005 Datasheet
126Kb / 2P
   Nanominiature Connectors
891-006 GLENAIR-891-006 Datasheet
159Kb / 4P
   Nanominiature Connectors Double Row Thru Hole Vertical Mount Printed Circuit Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com