Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

890-005 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 890-005
Description  Nanominiature Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

890-005 Datasheet(HTML) 1 Page - Glenair, Inc.

  890-005 Datasheet HTML 1Page - Glenair, Inc. 890-005 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
17
E-Mail: sales@glenair.com
HOW TO ORDER SINGLE ROW BACK-TO-BACK JUMPERS
Series
Number
of
Contacts
Connector
Type
Shell Material
and Finish
Wire
Gage
Wire Type
Wire
Color
Code
Length
Inches
Hardware
890-005
Back-To-
Back Cables,
Single Row,
Nanominiature
9
15
21
25
31
37
51
GP
Plug (Pin)
Connector on
Both Ends
GS
Receptacle
(Socket)
Connector on
Both Ends
CS
Plug (Pin)
On One End,
Receptacle On
The Other End
A1
Aluminum Shell,
Cadmium Plating
A2
Aluminum Shell,
Electroless
Nickel Plating
T
Titanium Shell,
Unplated
S
Stainless Steel
Shell, Passivated
0
#30
AWG
2
#32
AWG
A
Ultralightweight XLETFE
Insulation, Silver-Coated
Ultrahigh-Strength Copper
(Not available for #32 gage)
B
Extruded PTFE Insulation,
NEMA HP3-ETX
(MIL-W-16878/6)
C
Cross-Linked Modified
ETFE Insulation,
MIL-W-22759/33
(Not available for #32 AWG)
1
White
2
Yellow
7
10 Color
Repeating
(wire
type A is
striped,
types B
and C
are solid
colors)
Overall
Length
In Inches
Including
Connectors
Example:
“12”
specifies
12 inches
OAL
JJ = Jackscrews on
both ends (GP, GS, CS)
JT = Jackscrews on
plug, threaded holes on
receptacle (CS)
JP = Jackscrews on
plug, threaded holes on
plug (GP)(*See Note
Below)
TJ = Jackscrews on
receptacle, threaded
holes on plug (CS)(*See
Note Below)
JR = Jackscrews on
receptacle, threaded
holes on receptacle (GS)
TT = Threaded holes
both ends (GP, GS,
CS)(*See Note Below)
* Specify titanium or
stainless steel shells
when ordering plugs
with female threads
Sample Part Number
890-005
– 9
GP
A1
– 0
A
1
– 12
JP
890-005
Series 89 Nanominiature Connectors
Single Row Back-To-Back Cables
PLUG (PIN) CONNECTOR
RECEPTACLE (SOCKET) CONNECTOR
“T” Female Thread Option
“J” Jackscrew Option
“J” Jackscrew Option
Glenair’s Back-To-Back Nano Connectors feature gold alloy
TwistPin contacts. Contacts are precision-crimped to insulated,
stranded wire. These nanomimiature connectors offer premium
preformance and reliability for demanding applications. Contact
spacing is .025 inches. 1 amp current rating, DWV rating 300
volts AC. Wire gages #30 and #32 AWG.
TwistPin Contact System assures premium performance in
demanding environments. The gold/platinum alloy contacts will
stand up to years of exposure without corrosion.
"T" Female Thread Option
Titanium or Stainless Steel
Shells Only


Similar Part No. - 890-005

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
890-005 GLENAIR-890-005 Datasheet
926Kb / 2P
   Single Row Nano
More results

Similar Description - 890-005

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M32139-01-A01SCS GLENAIR-M32139-01-A01SCS Datasheet
426Kb / 2P
   Nanominiature Connectors
M32139-03-A01SCS GLENAIR-M32139-03-A01SCS Datasheet
266Kb / 2P
   Nanominiature Connectors
891-014-9PA1 GLENAIR-891-014-9PA1 Datasheet
178Kb / 4P
   Nanominiature Connectors Straddle Mount
891-005 GLENAIR-891-005 Datasheet
205Kb / 2P
   Nanominiature Connectors Double Row Back-To-Back
891-010 GLENAIR-891-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Double Row Vertical Surface Mount
890-010 GLENAIR-890-010 Datasheet
70Kb / 4P
   Nanominiature Connectors Single Row Vertical Surface Mount PCB
891-001 GLENAIR-891-001 Datasheet
202Kb / 2P
   Nanominiature Connectors Double Row Insulated Wire Pigtail Assemblies
891-003 GLENAIR-891-003 Datasheet
197Kb / 2P
   Nanominiature Connectors Double Row Uninsulated Wire Pigtail Assemblies
891-012 GLENAIR-891-012 Datasheet
81Kb / 4P
   Nanominiature Connectors Double Row Right Angle Surface Mount
890-006 GLENAIR-890-006 Datasheet
181Kb / 4P
   Nanominiature Connectors Single Row Vertical Mount Printed Circuit Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com