Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

470HS130Z1096GDS Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 470HS130Z1096GDS
Description  EMI/RFI StarShield Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

470HS130Z1096GDS Datasheet(HTML) 2 Page - Glenair, Inc.

  470HS130Z1096GDS Datasheet HTML 1Page - Glenair, Inc. 470HS130Z1096GDS Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC.
1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
G-23
G
470H*013
EMI/RFI StarShield Backshell
for MIL-DTL-38999 Series III and IV Connectors
TABLE III: FINISHES
Symbol
Finish
M
Electroless Nickel
NF
Cadmium Plate,Olive Drab
over Electroless Nickel
Z1
Stainless Steel/Passivate
ZL
CRES/Electroless Nickel
ZM
Stainless Steel/
Electroless Nickel
TABLE I: ORDER NUMBER AND DIMENSIONS (Continued Below)
Order
Number
Connector
Shell Size
Ref
A Thread
Iso Metric
B Dia
Max
C Dia
Max
D
Max
09
A/9
M12 X 1 - 6H
.750 (19.0)
.690 (17.5)
.490 (12.5)
11
B/11
M15 X 1 - 6H
.870 (22.0)
.850 (21.5)
.510 (13.0)
13
C/13
M18 X 1 - 6H
1.000 (25.4)
.890 (22.5)
.550 (14.0)
15
D/15
M22 X 1 - 6H
1.200 (30.5)
1.000 (25.4)
.570 (14.5)
17
E/17
M25 X 1 - 6H
1.320 (33.5)
1.120 (28.5)
.590 (15.0)
19
F/19
M28 X 1 - 6H
1.460 (37.0)
1.240 (31.5)
.610 (15.5)
21
G/21
M31 X 1 - 6H
1.520 (38.5)
1.380 (35.0)
.650 (16.5)
23
H/23
M34 X 1 - 6H
1.650 (42.0)
1.500 (38.0)
.670 (17.0)
25
J/25
M37 X 1 - 6H
1.830 (46.5)
1.610 (41.0)
.710 (18.0)
TABLE II: SHELL SIZE AND
SHRINK BOOT
Shell
Size
Shrink Boot
Ref. Part No.
09
770-001S104
11
770-001S106
13
770-001S106
15
770-001S107
17
770-001S107
19
770-001S108
21
770-001S108
23
770-001S108
25
770-001S109
TABLE I: (Continued from Above)
Order
Number
E
Max
F
Max
G
Max
H
± .003 (.08)
J Thread
Iso Metric
Ferrule
Quantity
(See Note 4)
Std.
Opt.
09
1.000 (25.4)
.630 (16.0)
1.140 (29.0)
.435 (11.0) M12 X 1 - 6g
1
-
11
1.020 (26.0)
.690 (17.5)
1.200 (17.5)
.623 (15.8) M15 X 1 - 6g
2
-
13
1.040 (26.5)
.750 (19.0)
1.260 (32.0)
.746 (32.0) M18 X 1 - 6g
3
-
15
1.080 (27.5)
.810 (20.5)
1.320 (33.5)
.871 (22.1) M22 X 1 - 6g
5
-
17
1.100 (28.0)
.870 (22.0)
1.380 (35.0)
.996 (25.3) M25 X 1 - 6g
6
7
19
1.120 (28.5)
.930 (23.5)
1.440 (36.5)
1.121 (28.5) M28 X 1 - 6g
7
-
21
1.140 (29.0) 1.000 (25.4)
1.520 (38.5)
1.245 (31.6) M31 X 1 - 6g
9
11
23
1.180 (30.0) 1.060 (27.0)
1.570 (40.0)
1.371 (34.8) M34 X 1 - 6g
10
13
25
1.220 (31.0) 1.120 (28.5)
1.630 (41.5)
1.371 (34.8) M37 X 1 - 6g
12
17


Similar Part No. - 470HS130Z1096GDS

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
470 PRODUCTWELL-470 Datasheet
178Kb / 4P
   SHIELDED SMT POWER INDUCTORS
logo
Oscilent Corporation
470 OSCILENT-470 Datasheet
142Kb / 2P
   HCMOS / TTL Output
logo
Littelfuse
470 LITTELFUSE-470 Datasheet
541Kb / 3P
   The 470 series is a family of 125V rated high energy SMD fuses
logo
AiT Semiconductor Inc.
470 AITSEMI-470 Datasheet
817Kb / 4P
   POWER INDUCTOR
470 AITSEMI-470 Datasheet
718Kb / 4P
   WIRE WOUND SMD INDUCTOR
More results

Similar Description - 470HS130Z1096GDS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
249-006 GLENAIR-249-006 Datasheet
72Kb / 1P
   EMI/RFI Backshell
249-005 GLENAIR-249-005 Datasheet
72Kb / 1P
   EMI/RFI Backshell
319AS120XN08 GLENAIR-319AS120XN08 Datasheet
297Kb / 2P
   Composite EMI/RFI Backshell
M85049-78-09N01 GLENAIR-M85049-78-09N01 Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
M85049-1809N01A GLENAIR-M85049-1809N01A Datasheet
80Kb / 1P
   EMI/RFI Environmental Backshell
logo
Amphenol Corporation
M85049-10-49W AMPHENOL-M85049-10-49W Datasheet
4Mb / 33P
   ENVIRONMENTAL EMI / RFI BACKSHELL
logo
Glenair, Inc.
557T387M GLENAIR-557T387M Datasheet
127Kb / 2P
   EMI/RFI Backshell Assembly
M28840-916WA GLENAIR-M28840-916WA Datasheet
85Kb / 2P
   EMI/RFI Environmental Backshell
M85049-8-1 GLENAIR-M85049-8-1 Datasheet
101Kb / 2P
   EMI/RFI Environmental Backshell
M28840-616WA GLENAIR-M28840-616WA Datasheet
78Kb / 1P
   EMI/RFI Environmental Backshell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com