Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

527-056ZNP6 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 527-056ZNP6
Description  EMI/RFI Strain-Relief Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

527-056ZNP6 Datasheet(HTML) 1 Page - Glenair, Inc.

  527-056ZNP6 Datasheet HTML 1Page - Glenair, Inc. 527-056ZNP6 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
F-2
CAGE Code 06324
Position 2
Position 1
Position 3
Captivated
Screws
Typ.
6.11
(155.2)
H
1.130 (28.7)
1.120 (28.4)
1.646 (41.8)
1.638 (41.6)
1.768
(44.9)
1.760
(44.7)
1.567 (39.8)
1.558 (39.6)
2 Places
.751 (19.1)
.743 (18.9)
1.314 (33.4)
1.306 (33.2)
Mfg’s
Option
.99 (25.1)
.85
(21.6)
Max
Typ.
M Typ.
Cable
Range Typ.
.703 (17.9)
.693 (17.6)
.480
(12.2)
.470
(11.9)
.434
(11.0)
.424
(10.8)
5.61
(142.5)
A
A
View A-A
1.62
(41.1)
Max
527-056
EMI/RFI Strain-Relief Backshell
for Size 1 ARINC 600 Series Connector
527-056 NF P1 03 04 05 A
Basic Part No.
Finish (Table III)
Connector Designator (Table IV)
Dash No. (Table I) Position 1
Dash No. (Table I) Position 2
Dash No. (Table I) Position 3
Height Code (Table II)
Metric dimensions (mm) are indicated in parentheses.


Similar Part No. - 527-056ZNP6

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527-015B01 GLENAIR-527-015B01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B02 GLENAIR-527-015B02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015B03 GLENAIR-527-015B03 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J01 GLENAIR-527-015J01 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
527-015J02 GLENAIR-527-015J02 Datasheet
84Kb / 2P
   Solid Strain-Relief Backshell
More results

Similar Description - 527-056ZNP6

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M85049-28-1 GLENAIR-M85049-28-1 Datasheet
84Kb / 1P
   EMI/RFI Strain-Relief Backshell
297W-003 GLENAIR-297W-003 Datasheet
91Kb / 2P
   EMI/RFI Strain Relief Backshell
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527T123B3501 GLENAIR-527T123B3501 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
527E118B2001 GLENAIR-527E118B2001 Datasheet
93Kb / 1P
   Solid EMI/RFI Strain-Relief Backshell
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AH104B08 GLENAIR-380AH104B08 Datasheet
92Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com