Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

570E190G21B Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 570E190G21B
Description  EMI-RFII Crimp-Ring Micro-D Backshell Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

570E190G21B Datasheet(HTML) 2 Page - Glenair, Inc.

  570E190G21B Datasheet HTML 1Page - Glenair, Inc. 570E190G21B Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2004 Glenair, Inc.
Printed in U.S.A.
C-43
CAGE Code 06324
507-190
EMI-RFII Crimp-Ring
Micro-D Backshell Assembly
Metric dimensions (mm) are indicated in parentheses
C
+.005 (0.1)
.565 (14.4)
.715 (18.2)
.865 (22.0)
.965 (24.5)
1.115 (28.3)
1.265 (32.1)
1.215 (30.9)
1.800 (45.7)
TABLE I: BACKSHELL AND CONNECTOR INTERFACE DIMENSIONS
A
Max
.785 (19.9)
.935 (23.7)
1.085 (27.6)
1.185 (30.1)
1.335 (33.9)
1.485 (37.7)
1.436 (36.5)
2.175 (55.2)
B
+.005 (0.1)
.340
(8.6)
.340
(8.6)
.340
(8.6)
.360
(9.1)
.360
(9.1)
.360
(9.1)
.400 (10.2)
.450 (11.4)
D
+.020 (0.5)
.752 (19.1)
.802 (20.4)
.852 (21.6)
.902 (22.9)
.942 (23.9)
.982 (24.9)
1.062 (27.0)
1.127 (28.6)
J
Thread
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
2-56 UNC-2A
4-40 UNC-2A
E
+.0205 (0.5)
.460 (11.7)
.475 (12.1)
.490 (12.4)
.510 (13.0)
.518 (13.2)
.523 (13.3)
.555 (14.1)
.625 (15.9)
F
+.010 (0.3)
.607 (15.4)
.643 (16.3)
.677 (17.2)
.718 (18.2)
.726 (18.4)
.744 (18.9)
.829 (21.1)
.984 (25.0)
Shell
Size
09
15
21
25
31
37
51
100
G
+.060 (1.5)
.650 (16.5)
.700 (17.8)
.735 (18.7)
.800 (20.3)
.860 (21.8)
.925 (23.5)
.975 (24.8)
1.050 (26.7)
H
Ref
.154 (3.9)
.154 (3.9)
.154 (3.9)
.154 (3.9)
.154 (3.9)
.154 (3.9)
.154 (3.9)
.184 (4.7)
M
+.005 (0.1)
.160 (4.1)
.190 (4.8)
.220 (5.6)
.260 (6.6)
.275 (7.0)
.285 (7.2)
.350 (8.9)
.490 (12.4)
TABLE I (CONTINUED):
K
Min
.590 (15.0)
.720 (18.3)
.830 (21.1)
.890 (22.6)
.950 (24.1)
.990 (25.1)
1.020 (25.9)
1.080 (27.4)
L
Max
.875 (22.2)
.925 (23.5)
.975 (24.8)
1.025 (26.0)
1.065 (27.0)
1.105 (28.1)
1.187 (30.1)
1.250 (31.8)
Shell
Size
09
15
21
25
31
37
51
100
TABLE II:
JACKSCREWS
Jackscrew Type
Fillister Head, Male (2)
Hex Socket, Male (2)
Extended, Male (2)
Jackpost, Female (2)
Jackpost, Female (1)
Fillister Head, Male (1)
Jackpost, Female (1)
Hex Socket, Male (1)
Symbol
B
H
E
F
FB
FH
Symbol
B
C*
G*
J
LF
M
N
NC
NF
T
U**
ZN
Finish
Cadmium Plate/Olive Drab
Black Anodize
Anodic Hard Coat
Gold Iridite over Cadmium Plate
over Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Electroless Nickel
Cadmium Plate/Olive Drab over
Electroless Nickel
Zinc Cobalt/Dark Olive Drab
Cadmium Plate/Olive Drab over
Electroless Nickel
Cadmium Plate/Bright over
Electroless Nickel
Cadmium Plate/Black
Zinc-Nickel Alloy/Olive Drab
TABLE III:
FINISH OPTIONS
*Anodize finish is not suitable for EMI shielding or grounding
applications.
**Applicable to corrosion resisting steel backshells and
accessories. Consult factory for other available finishes.


Similar Part No. - 570E190G21B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
570 LITTELFUSE-570 Datasheet
92Kb / 1P
   SUBMINIATURE FUSEHOLDERS
logo
Switchcraft, Inc.
570 SWITCH-570 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
Intel Corporation
570 INTEL-570 Datasheet
1Mb / 96P
   Pentium 4 Processors Supporting Hyper-Threading Technology
logo
Dialight Corporation
570-001-000-100 DIALIGHT-570-001-000-100 Datasheet
196Kb / 2P
   WATERPROOF CONNECTOR
logo
EDAC, All Rights Reserv...
570-001-000-100 EDAC-570-001-000-100 Datasheet
590Kb / 3P
   570 Series IP67 | E-Seal | In-Line Waterproof Connectors | 5.80mm Pitch
More results

Similar Description - 570E190G21B

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
507-195M0902EG GLENAIR-507-195M0902EG Datasheet
158Kb / 2P
   EMI/RFI Micro-D Split Backshell Assembly
M85049-2009N GLENAIR-M85049-2009N Datasheet
72Kb / 1P
   Crimp Ring Backshell
M85049-26-01 GLENAIR-M85049-26-01 Datasheet
75Kb / 1P
   Crimp Ring Backshell
M85049-33-2-8N GLENAIR-M85049-33-2-8N Datasheet
72Kb / 1P
   Crimp Ring Backshell
550T006M GLENAIR-550T006M Datasheet
90Kb / 2P
   EMI/RFI D-Subminiature Split Backshell Crimp Ring Shield Termination
507S177B09B GLENAIR-507S177B09B Datasheet
315Kb / 2P
   EMI/RFI Micro-D Banding Backshell
507-171M09-BB GLENAIR-507-171M09-BB Datasheet
420Kb / 2P
   EMI/RFI Micro-D Banding Backshell Assembly with Eliptical Banding Porch
557T387M GLENAIR-557T387M Datasheet
127Kb / 2P
   EMI/RFI Backshell Assembly
527-142BLST GLENAIR-527-142BLST Datasheet
81Kb / 1P
   Solid TAG Ring EMI/RFI Backshell
logo
Molex Electronics Ltd.
0622019900 MOLEX11-0622019900 Datasheet
25Kb / 1P
   Micro-D Backshell Crimp Tool Kit, 15 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com