Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LC89978M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LC89978M
Description  CCD Delay Line for Multi-System
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89978M Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC89978M Datasheet HTML 1Page - Sanyo Semicon Device LC89978M Datasheet HTML 2Page - Sanyo Semicon Device LC89978M Datasheet HTML 3Page - Sanyo Semicon Device LC89978M Datasheet HTML 4Page - Sanyo Semicon Device LC89978M Datasheet HTML 5Page - Sanyo Semicon Device LC89978M Datasheet HTML 6Page - Sanyo Semicon Device LC89978M Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
11. Measure the Y-OUT output with a 200-kHz 400-mVp-p sine wave input to Y-IN.
Y-OUT output [mVp-p]
GVY = 20log —————————— [dB]
400 [mVp-p]
12. Measure the Y-OUT output when a 200-kHz 200-mVp-p sine wave is input to Y-IN, and when a 3.5-MHz
200-mVp-p sine wave is input.
The Y-OUT output for a 3.5-MHz input [mVp-p]
GFY = 20log ————————————————————— [dB]
The Y-OUT output for a 200-kHz input [mVp-p]
Here, adjust Vbias so that the clamp level is +250 mV.
13. Apply a 5-step staircase wave (as in the figure below) to Y-IN, and measure the differential gain and differential
phase in the Y-OUT output using a vector scope.
14. Apply a 5-step staircase wave (as in the figure below) to Y-IN, and measure the luminance level (Y) and the sync
level (S) in the Y-OUT output.
S [mV]
LS = ———— × 100 [%]
Y [mV]
15. Measure the 4fsc (14.3 MHz) and fsc (3.58 MHz) components in the Y-OUT output with no input signal.
16. Measure the noise in the Y-OUT output with no input signal.
Measure the noise with a noise meter with a 200-kHz low-pass filter, a 4.2-MHz low-pass filter, and a 3.58-MHz trap
filter.
17. Input a 200-kHz, 400-mVp-p sine wave to Y-IN1. Let V1 be the V-OUT output when SW3 is set to the ‘c’ position,
and let V2 be the Y-OUT output when SW3 is set to the ‘b’ position.
V2 [mVp-p] – V1 [mVp-p]
ZOY = ———————————— × 500 [Ω]
V1 [mVp-p]
18. Measure the delay time in the Y-OUT output with respect to the input to Y-IN.
No. 5546-6/7
LC89978M


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXL1510MCCD Delay Line for Multi System 1 2 3 4 5 MoreSony Corporation
CXL1511MCCD Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL1512MCCD Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
LC89977MCCD Delay Line for PAL 1 2 3 4 5 MoreSanyo Semicon Device
CXL1506MCMOS-CCD 1H/2H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL5001MCMOS-CCD 1H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
CXL5002MCMOS-CCD 1/2H Delay Line for NTSC 1 2 3 4 5 MoreSony Corporation
DS10034-Tap Silicon Delay Line for RISC Applications 1 2 3 4 5 MoreDallas Semiconductor
CXL5003MCMOS-CCD 1H Delay Line for PAL 1 2 3 4 5 MoreSony Corporation
CXL5005MCMOS-CCD 1H Delay Line for NTSC with PLL 1 2 3 4 5 MoreSony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn