Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C21645-12PVXE Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C21645-12PVXE
Description  Automotive PSoC짰 Programmable System-on-Chip?
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21645-12PVXE Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C21645-12PVXE Datasheet HTML 1Page - Cypress Semiconductor CY8C21645-12PVXE Datasheet HTML 2Page - Cypress Semiconductor CY8C21645-12PVXE Datasheet HTML 3Page - Cypress Semiconductor CY8C21645-12PVXE Datasheet HTML 4Page - Cypress Semiconductor CY8C21645-12PVXE Datasheet HTML 5Page - Cypress Semiconductor CY8C21645-12PVXE Datasheet HTML 6Page - Cypress Semiconductor CY8C21645-12PVXE Datasheet HTML 7Page - Cypress Semiconductor CY8C21645-12PVXE Datasheet HTML 8Page - Cypress Semiconductor CY8C21645-12PVXE Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
CY8C21345, CY8C21645
CY8C22345, CY8C22345H, CY8C22645
Document Number: 001-55397 Rev. *I
Page 5 of 36
Additional System Resources
System Resources, some of which are listed in the previous
sections, provide additional capability useful for complete
systems. Additional resources include a MAC, low voltage
detection, and power on reset. The merits of each system
resource are:
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks may be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
Additional digital resources and clocks dedicated to and
optimized for CapSense.
RTC hardware block.
A multiply accumulate (MAC) provides a fast 8-bit multiplier
with 32-bit accumulate, to assist in both general math and
digital filters.
The I
2C module provides 0 to 400 kHz communication over two
wires. Slave, master, and multi-master modes are all
supported.
Low voltage detection (LVD) interrupts can signal the
application of falling voltage levels, while the advanced power
on reset (POR) circuit eliminates the need for a system
supervisor.
An internal voltage reference provides an absolute reference
for the analog system, including ADCs and DACs.
PSoC Device Characteristics
Depending on your PSoC device characteristics, the digital and
analog systems can have varying numbers of digital and analog
blocks. The following table lists the resources available for
specific PSoC device groups. The PSoC families covered by this
datasheet are highlighted in the table.
Table 1. PSoC Device Characteristics
PSoC Part
Number
CY8C29x66[2]
up to
64
4
16
up to
12
4
4
12
2 KB
32 KB
CY8C28xxx
up to
44
up to
3
up to
12
up to
44
up to
4
up to
6
up to
16
1 KB
16 KB
CY8C27x43
up to
44
2
8
up to
12
4
4
12
256
Bytes
16 KB
CY8C24x94[2]
up to
56
1
4
up to
48
2
2
6
1 KB
16 KB
CY8C24x23A[2]
up to
24
1
4
up to
12
2
2
6
256
Bytes
4 KB
CY8C23x33
up to
25
1
4
up to
12
2
2
4
256
Bytes
8 KB
CY8C22x45[2]
up to
38
2
8
up to
38
0
4
6[3]
1 KB
16 KB
CY8C21x45[2]
up to
38
1
4
up to
38
0
4
6[3]
512
Bytes
8 KB
CY8C21x34[2]
up to
28
1
4
up to
28
02
4[3]
512
Bytes
8 KB
CY8C21x23
up to
16
1
4
up to
8
02
4[3]
256
Bytes
4 KB
CY8C20x34[2]
up to
28
0
0
up to
28
00
3[3, 4]
512
Bytes
8 KB
Notes
2. Automotive qualified devices available in this group.
3. Limited analog functionality
.
4. Two analog blocks and one CapSense® block.
[+] Feedback


Similar Part No. - CY8C21645-12PVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21645 CYPRESS-CY8C21645 Datasheet
531Kb / 39P
   PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
More results

Similar Description - CY8C21645-12PVXE

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21334 CYPRESS-CY8C21334_11 Datasheet
980Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C21345 CYPRESS-CY8C21345_12 Datasheet
878Kb / 47P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234_10 Datasheet
536Kb / 23P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C21312 CYPRESS-CY8C21312 Datasheet
958Kb / 37P
   Automotive PSoC짰 Programmable System-on-Chip?
CY8C24223A CYPRESS-CY8C24223A_13 Datasheet
714Kb / 50P
   Automotive PSoC짰 Programmable System-on-Chip
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com