Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C38 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8C38
Description  Programmable System-on-Chip (PSoC짰)
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C38 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8C38_11 Datasheet HTML 1Page - Cypress Semiconductor CY8C38_11 Datasheet HTML 2Page - Cypress Semiconductor CY8C38_11 Datasheet HTML 3Page - Cypress Semiconductor CY8C38_11 Datasheet HTML 4Page - Cypress Semiconductor CY8C38_11 Datasheet HTML 5Page - Cypress Semiconductor CY8C38_11 Datasheet HTML 6Page - Cypress Semiconductor CY8C38_11 Datasheet HTML 7Page - Cypress Semiconductor CY8C38_11 Datasheet HTML 8Page - Cypress Semiconductor CY8C38_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Document Number: 001-11729 Rev. *R
Page 5 of 129
It also contains a separate, very low-power internal low-speed
oscillator (ILO) for the sleep and watchdog timers. A 32.768-kHz
external watch crystal is also supported for use in real-time
clock (RTC) applications. The clocks, together with
programmable clock dividers, provide the flexibility to integrate
most timing requirements.
The CY8C38 family supports a wide supply operating range from
1.71 V to 5.5 V. This allows operation from regulated supplies
such as 1.8 V ± 5%, 2.5 V ±10%, 3.3 V ± 10%, or 5.0 V ± 10%,
or directly from a wide range of battery types. In addition, it
provides an integrated high efficiency synchronous boost
converter that can power the device from supply voltages as low
as 0.5 V. This enables the device to be powered directly from a
single battery or solar cell. In addition, you can use the boost
converter to generate other voltages required by the device,
such as a 3.3-V supply for LCD glass drive. The boost’s output
is available on the Vboost pin, allowing other devices in the
application to be powered from the PSoC.
PSoC supports a wide range of low-power modes. These include
a 200-nA hibernate mode with RAM retention and a 1-µA sleep
mode with RTC. In the second mode, the optional 32.768-kHz
watch crystal runs continuously and maintains an accurate RTC.
Power to all major functional blocks, including the programmable
digital and analog peripherals, can be controlled independently
by firmware. This allows low-power background processing
when some peripherals are not in use. This, in turn, provides a
total device current of only 1.2 mA when the CPU is running at
6 MHz, or 0.8 mA running at 3 MHz.
The details of the PSoC power modes are covered in the “Power
System” section on page 29 of this data sheet.
PSoC uses JTAG (4-wire) or SWD (2-wire) interfaces for
programming, debug, and test. The 1-wire SWV may also be
used for ‘printf’ style debugging. By combining SWD and SWV,
you can implement a full debugging interface with just three pins.
Using these standard interfaces you can debug or program the
PSoC with a variety of hardware solutions from Cypress or third
party vendors. PSoC supports on-chip break points and 4-KB
instruction and data race memory for debug. Details of the
programming, test, and debugging interfaces are discussed in
the “Programming, Debug Interfaces, Resources” section on
page 61 of this data sheet.
2. Pinouts
The Vddio pin that supplies a particular set of pins is indicated
by the black lines drawn on the pinout diagrams in Figure 2-1
through Figure 2-4. Using the Vddio pins, a single PSoC can
support multiple interface voltage levels, eliminating the need for
off-chip level shifters. Each Vddio may sink up to 100 mA total to
its associated I/O pins and opamps. On the 68-pin and 100-pin
devices each set of Vddio associated pins may sink up to
100 mA. The 48-pin device may sink up to 100 mA total for all
Vddio0 plus Vddio2 associated I/O pins and 100 mA total for all
Vddio1 plus Vddio3 associated I/O pins.
Figure 2-1. 48-pin SSOP Part Pinout
SSOP
Vssa
(SIO) P12[3]
247
Vcca
(OpAmp2out, GPIO) P0[0]
346
P15[3] (GPIO, kHz XTAL: Xi)
(OpAmp0out, GPIO) P0[1]
445
P12[0] (SIO, I2C1: SCL)
Vddio0
742
P12[1] (SIO, I2C1: SDA)
643
(OpAmp0-/Extref0, GPIO) P0[3]
P15[1] (GPIO, MHz XTAL: Xi)
(OpAmp2-, GPIO) P0[5]
940
P15[0] (GPIO, MHz XTAL: Xo)
(IDAC0, GPIO) P0[6]
10
39
Vccd
(IDAC2, GPIO) P0[7]
11
38
Vssd
Vccd
12
37
Vddd
Vssd
13
36
P15[7] (USBIO, D-, SWDCK)
Vddd
14
35
P15[6] (USBIO, D+, SWDIO)
(GPIO) P2[3]
15
34
P1[7] (GPIO)
(GPIO) P2[4]
16
33
P1[6] (GPIO)
Vddio2
17
32
Vddio1
(GPIO) P2[5]
18
31
P1[5] (GPIO, nTRST)
(GPIO) P2[6]
19
30
P1[4] (GPIO, TDI)
(GPIO) P2[7]
20
29
P1[3] (GPIO, TDO, SWV)
Vssb
21
28
Ind
22
27
P1[1] (GPIO, TCK, SWDCK)
Vboost
23
26
P1[0] (GPIO, TMS, SWDIO)
Vbat
24
25
Vdda
(SIO) P12[2]
148
Vddio3
(OpAmp2+, GPIO) P0[4]
841
P15[2] (GPIO, kHz XTAL: Xo)
(OpAmp0+, GPIO) P0[2]
544
Lines show
Vddio to I/O
supply
association
P1[2] (GPIO, configurable XRES)
[6]
[6]
Note
6. Pins are Do Not Use (DNU) on devices without USB. The pin must be left floating.
[+] Feedback


Similar Part No. - CY8C38_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C38_1105 CYPRESS-CY8C38_1105 Datasheet
4Mb / 130P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
More results

Similar Description - CY8C38_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com