Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C3444PVI-118 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C3444PVI-118
Description  Programmable System-on-Chip (PSoC짰)
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3444PVI-118 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C3444PVI-118 Datasheet HTML 1Page - Cypress Semiconductor CY8C3444PVI-118 Datasheet HTML 2Page - Cypress Semiconductor CY8C3444PVI-118 Datasheet HTML 3Page - Cypress Semiconductor CY8C3444PVI-118 Datasheet HTML 4Page - Cypress Semiconductor CY8C3444PVI-118 Datasheet HTML 5Page - Cypress Semiconductor CY8C3444PVI-118 Datasheet HTML 6Page - Cypress Semiconductor CY8C3444PVI-118 Datasheet HTML 7Page - Cypress Semiconductor CY8C3444PVI-118 Datasheet HTML 8Page - Cypress Semiconductor CY8C3444PVI-118 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 126 page
background image
PSoC® 3: CY8C34 Family
Data Sheet
Document Number: 001-53304 Rev. *K
Page 4 of 126
CY8C34 family these blocks can include four 16-bit timer,
counter, and PWM blocks; I2C slave, master, and multi-master;
Full-Speed USB; and Full CAN 2.0b.
For more details on the peripherals see the “Example
Peripherals” section on page 39 of this data sheet. For
information on UDBs, DSI, and other digital blocks, see the
“Digital Subsystem” section on page 38 of this data sheet.
PSoC’s analog subsystem is the second half of its unique
configurability. All analog performance is based on a highly
accurate absolute voltage reference with less than 0.9-percent
error over temperature and voltage. The configurable analog
subsystem includes:
Analog muxes
Comparators
Voltage references
Analog-to-digital converter (ADC)
Digital-to-analog converters (DACs)
All GPIO pins can route analog signals into and out of the device
using the internal analog bus. This allows the device to interface
up to 62 discrete analog signals. The heart of the analog
subsystem is a fast, accurate, configurable delta-sigma ADC
with these features:
Less than 100 µV offset
A gain error of 0.2 percent
INL less than ±1 LSB
DNL less than ±1 LSB
SINAD better than 66 dB
This converter addresses a wide variety of precision analog
applications, including some of the most demanding sensors.
Two high-speed voltage or current DACs support 8-bit output
signals at update rate of 8 Msps in current DAC (IDAC) and
1 Msps in voltage DAC (VDAC). They can be routed out of any
GPIO pin. You can create higher resolution voltage PWM DAC
outputs using the UDB array. This can be used to create a pulse
width modulated (PWM) DAC of up to 10 bits, at up to 48 kHz.
The digital DACs in each UDB support PWM, PRS, or
delta-sigma algorithms with programmable widths.
In addition to the ADC and DACs, the analog subsystem
provides multiple:
Uncommitted opamps
Configurable switched capacitor/continuous time (SC/CT)
blocks. These support:
Transimpedance amplifiers
Programmable gain amplifiers
Mixers
Other similar analog components
See the “Analog Subsystem” section on page 50 of this data
sheet for more details.
PSoC’s 8051 CPU subsystem is built around a single cycle
pipelined 8051 8-bit processor running at up to 50 MHz. The
CPU subsystem includes a programmable nested vector
interrupt controller, DMA controller, and RAM. PSoC’s nested
vector interrupt controller provides low latency by allowing the
CPU to vector directly to the first address of the interrupt service
routine, bypassing the jump instruction required by other
architectures. The DMA controller enables peripherals to
exchange data without CPU involvement. This allows the CPU
to run slower (saving power) or use those CPU cycles to improve
the performance of firmware algorithms. The single cycle 8051
CPU runs ten times faster than a standard 8051 processor. The
processor speed itself is configurable, allowing you to tune active
power consumption for specific applications.
PSoC’s nonvolatile subsystem consists of flash, byte-writeable
EEPROM, and nonvolatile configuration options. It provides up
to 64 KB of on-chip flash. The CPU can reprogram individual
blocks of flash, enabling bootloaders. You can enable an error
correcting code (ECC) for high reliability applications. A powerful
and flexible protection model secures the user's sensitive
information, allowing selective memory block locking for read
and write protection. Up to 2 KB of byte-writeable EEPROM is
available on-chip to store application data. Additionally, selected
configuration options such as boot speed and pin drive mode are
stored in nonvolatile memory. This allows settings to activate
immediately after power-on reset (POR).
The three types of PSoC I/O are extremely flexible. All I/Os have
many drive modes that are set at POR. PSoC also provides up
to four I/O voltage domains through the VDDIO pins. Every GPIO
has analog I/O, LCD drive[4], CapSense[5], flexible interrupt
generation, slew rate control, and digital I/O capability. The SIOs
on PSoC allow VOH to be set independently of VDDIO when used
as outputs. When SIOs are in input mode they are high
impedance. This is true even when the device is not powered or
when the pin voltage goes above the supply voltage. This makes
the SIO ideally suited for use on an I2C bus where the PSoC may
not be powered when other devices on the bus are. The SIO pins
also have high current sink capability for applications such as
LED drives. The programmable input threshold feature of the
SIO can be used to make the SIO function as a general purpose
analog comparator. For devices with Full-Speed USB the USB
physical interface is also provided (USBIO). When not using
USB these pins may also be used for limited digital functionality
and device programming. All of the features of the PSoC I/Os are
covered in detail in the “I/O System and Routing” section on
page 32 of this data sheet.
The PSoC device incorporates flexible internal clock generators,
designed for high stability and factory trimmed for high accuracy.
The Internal Main Oscillator (IMO) is the master clock base for
the system, and has 1-percent accuracy at 3 MHz. The IMO can
be configured to run from 3 MHz up to 24 MHz. Multiple clock
derivatives can be generated from the main clock frequency to
meet application needs.
Notes
4. This feature on select devices only. See Ordering Information on page 113 for details.
5. GPIOs with opamp outputs are not recommended for use with CapSense.
[+] Feedback


Similar Part No. - CY8C3444PVI-118

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3444PVI-118 CYPRESS-CY8C3444PVI-118 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
More results

Similar Description - CY8C3444PVI-118

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com