Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B4G0846B-MCF7 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4B4G0846B-MCF7
Description  DDP 4Gb B-die DDR3 SDRAM Specification
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B4G0846B-MCF7 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4B4G0846B-MCF7 Datasheet HTML 7Page - Samsung semiconductor K4B4G0846B-MCF7 Datasheet HTML 8Page - Samsung semiconductor K4B4G0846B-MCF7 Datasheet HTML 9Page - Samsung semiconductor K4B4G0846B-MCF7 Datasheet HTML 10Page - Samsung semiconductor K4B4G0846B-MCF7 Datasheet HTML 11Page - Samsung semiconductor K4B4G0846B-MCF7 Datasheet HTML 12Page - Samsung semiconductor K4B4G0846B-MCF7 Datasheet HTML 13Page - Samsung semiconductor K4B4G0846B-MCF7 Datasheet HTML 14Page - Samsung semiconductor K4B4G0846B-MCF7 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Page 11 of 59
Rev. 1.0 March 2009
DDP 4Gb DDR3 SDRAM
K4B4G0446B
K4B4G0846B
5.0 DDR3 SDRAM Addressing
1Gb
Configuration
256Mb x 4
128Mb x 8
64Mb x 16
# of Bank
8
8
8
Bank Address
BA0 - BA2
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
A10/AP
Row Address
A0 - A13
A0 - A13
A0 - A12
Column Address
A0 - A9,A11
A0 - A9
A0 - A9
BC switch on the fly
A12/BC
A12/BC
A12/BC
Page size *1
1 KB
1 KB
2 KB
Note 1 : Page size is the number of bytes of data delivered from the array to the internal sense amplifiers when an ACTIVE command is registered.
Page size is per bank, calculated as follows:
page size = 2 COLBITS * ORG
÷8
where, COLBITS = the number of column address bits,
ORG = the number of I/O (DQ) bits
2Gb
Configuration
512Mb x 4
256Mb x 8
128Mb x 16
# of Bank
8
8
8
Bank Address
BA0 - BA2
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
A10/AP
Row Address
A0 - A14
A0 - A14
A0 - A13
Column Address
A0 - A9,A11
A0 - A9
A0 - A9
BC switch on the fly
A12/BC
A12/BC
A12/BC
Page size *1
1 KB
1 KB
2 KB
4Gb
Configuration
1Gb x 4
512Mb x 8
256Mb x 16
# of Bank
8
8
8
Bank Address
BA0 - BA2
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
A10/AP
Row Address
A0 - A15
A0 - A15
A0 - A14
Column Address
A0 - A9,A11
A0 - A9
A0 - A9
BC switch on the fly
A12/BC
A12/BC
A12/BC
Page size *1
1 KB
1 KB
2 KB
8Gb
Configuration
2Gb x 4
1Gb x 8
512Mb x 16
# of Bank
8
8
8
Bank Address
BA0 - BA2
BA0 - BA2
BA0 - BA2
Auto precharge
A10/AP
A10/AP
A10/AP
Row Address
A0 - A15
A0 - A15
A0 - A15
Column Address
A0 - A9,A11,A13
A0 - A9,A11
A0 - A9
BC switch on the fly
A12/BC
A12/BC
A12/BC
Page size *1
2 KB
2 KB
2 KB


Similar Part No. - K4B4G0846B-MCF7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B4G0846D-BC SAMSUNG-K4B4G0846D-BC Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
K4B4G0846D-BYK0 SAMSUNG-K4B4G0846D-BYK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
K4B4G0846E SAMSUNG-K4B4G0846E Datasheet
1Mb / 72P
   4Gb E-die DDR3L SDRAM
K4B4G0846E-BMK0 SAMSUNG-K4B4G0846E-BMK0 Datasheet
1Mb / 72P
   4Gb E-die DDR3L SDRAM
K4B4G0846E-BMMA SAMSUNG-K4B4G0846E-BMMA Datasheet
1Mb / 72P
   4Gb E-die DDR3L SDRAM
More results

Similar Description - K4B4G0846B-MCF7

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ4G43MMR HYNIX-H5TQ4G43MMR Datasheet
720Kb / 73P
   4Gb DDR3 SDRAM DDP(2Gbx2)
logo
Samsung semiconductor
K4B4G1646B SAMSUNG-K4B4G1646B Datasheet
1,002Kb / 64P
   4Gb B-die DDR3 SDRAM Olny x16
logo
Hynix Semiconductor
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT6AN256M16AV NANYA-NT6AN256M16AV Datasheet
11Mb / 324P
   Commercial Mobile LPDDR 4Gb/ 8 G b(DDP) SDRAM
logo
Elpida Memory
EDJ8232B5MB ELPIDA-EDJ8232B5MB Datasheet
1Mb / 142P
   8G bits DDR3 SDRAM, DDP
logo
Samsung semiconductor
K4B1G0446D SAMSUNG-K4B1G0446D Datasheet
1Mb / 60P
   1Gb D-die DDR3 SDRAM Specification
K4B1G0446C SAMSUNG-K4B1G0446C Datasheet
1Mb / 63P
   1Gb C-die DDR3 SDRAM Specification
logo
Hynix Semiconductor
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com