Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500T011J51B04-12 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 500T011J51B04-12
Description  EMI/RFI Shield Sock Backshell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

500T011J51B04-12 Datasheet(HTML) 2 Page - Glenair, Inc.

  500T011J51B04-12 Datasheet HTML 1Page - Glenair, Inc. 500T011J51B04-12 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2011 Glenair, Inc.
Printed in U.S.A.
M
M-9
Cable
Entry
Code
F
G Max.
In.
± .010
mm.
± 0.25 In. mm.
04
.125 3.18
.310 7.87
05
.156 3.96
.350 8.89
06
.188 4.78
.380 9.65
07
.219 5.56
.400 10.16
08
.250 6.35
.425 13.31
09
.281 7.14
.450 11.43
10
.312 7.92
.500 12.70
11
.344 8.74
.525 13.34
12
.375 9.53
.550 13.97
MATERIALS (SEE ORDERING INFO FOR FINISH OPTIONS)
Shell
Aluminum Alloy 6061 -T6 Per QQ-A-200, QQ-A-225 (Machined Components)
Aluminum Alloy 6061-T6 Per QQ-A-591 (A380) (Die-Cast Components)
Braid
Tinned Copper Braid Per QQ-B-575 ASTM B33, #36 AWG Strands, 90% Coverage
Crimp Ring
Copper, Tin Plated
Clips, E-Rings
17-7PH Stainless Steel
Jackscrews, Washers, Jackposts
300 Series Stainless Steel, Passivated
EMI/RFI Shield Sock Backshell
with Round Cable Entry
500-011
CONNECTOR ORDERED
SEPARATELy
T - TOP ENTRY
SHOWN WITH B FILISTER HEAD
JACKSCREW
G
F
E
H
D
.175 (4.4)
.50 (12.7) MAX.
#2-56 UNC THDS. 9-69 PIN
#4-40 UNC THDS. 100 PIN
CONNECTOR ORDERED
SEPARATELy
N
M
E - 45º ENTRY
SHOWN WITH H HEX HEAD
JACKSCREW
CONNECTOR ORDERED
SEPARATELy
S - SIDE ENTRY
SHOWN WITH E EXTENDED
JACKSCREW
L
K
J
C
B
A
SHIELD SOCK BACKSHELL DIMENSIONS – 500-011
Size
A Max.
B Max.
C
D Max.
E Max.
H Max.
J Max.
K
L Max.
M Max.
N Max.
In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In. mm. In.
mm.
09
.850 21.59 .370 9.40 .565 14.35 .780 19.81 .410 10.41 .350 8.89 .637 16.18 .435 11.05 1.040 26.42 1.000 25.40 .680 17.27
15
1.000 25.40 .370 9.40 .715 18.16 .910 23.11 .580 14.73 .470 11.94 .673 17.09 .440 11.20 1.170 29.72 1.030 26.16 .730 18.54
21
1.150 29.21 .370 9.40 .865 21.97 1.030 26.16 .740 18.80 .590 14.99 .707 17.95 .458 11.63 1.290 32.77 1.050 26.67 .765 19.43
25
1.250 31.75 .370 9.40 .965 24.51 1.090 27.69 .850 21.59 .650 16.51 .748 19.00 .483 12.27 1.350 34.29 1.090 27.69 .830 21.08
31
1.400 35.56 .370 9.40 1.115 28.32 1.150 29.21 .980 24.89 .710 18.03 .756 19.20 .476 12.09 1.420 36.07 1.130 28.70 .890 22.61
37
1.550 39.37 .370 9.40 1.265 32.13 1.190 30.23 1.130 28.70 .750 19.05 .774 19.66 .478 12.14 1.450 36.83 1.230 31.24 .955 24.26
51
1.500 38.10 .410 10.41 1.215 30.86 1.220 30.99 1.080 27.43 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
51-2 1.910 48.51 .370 9.40 1.615 41.02 1.220 30.99 1.510 38.35 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
67
2.310 58.67 .370 9.40 2.015 51.18 1.220 30.99 1.880 47.75 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
69
1.810 45.97 .410 10.41 1.515 38.48 1.220 30.99 1.380 35.05 .780 19.81 .859 21.82 .548 13.91 1.480 37.59 1.250 31.75 1.005 25.53
100 2.235 56.77 .460 11.68 1.800 45.72 1.280 32.51 1.470 37.34 .840 21.34 1.014 25.76 .687 17.45 1.580 40.13 1.320 33.53 1.080 27.43


Similar Part No. - 500T011J51B04-12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500T011J09B04 GLENAIR-500T011J09B04 Datasheet
118Kb / 2P
   Micro-D Backshells EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
500T011J09B05 GLENAIR-500T011J09B05 Datasheet
118Kb / 2P
   Micro-D Backshells EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
500T011J09B06 GLENAIR-500T011J09B06 Datasheet
118Kb / 2P
   Micro-D Backshells EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
500T011J09B07 GLENAIR-500T011J09B07 Datasheet
118Kb / 2P
   Micro-D Backshells EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
500T011J09E04 GLENAIR-500T011J09E04 Datasheet
118Kb / 2P
   Micro-D Backshells EMI, Round Cable Entry, With Shield Sock, One Piece 500-011
More results

Similar Description - 500T011J51B04-12

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
527527BPA GLENAIR-527527BPA Datasheet
69Kb / 2P
   EMI/RFI Shield Sock Strain-Relief Backshell EMI/RFI Shield Sock Strain-Relief Backshell
527249BP GLENAIR-527249BP Datasheet
78Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief
319AS136XM08 GLENAIR-319AS136XM08 Datasheet
319Kb / 2P
   Composite EMI/RFI Shield Sock
527248BP GLENAIR-527248BP Datasheet
105Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief and 30 Cable Entries
550T007M GLENAIR-550T007M Datasheet
119Kb / 2P
   EMI/RFI D-Subminiature Split Backshell with Pre-Terminated Overall Shield Sock
319FJ043M16 GLENAIR-319FJ043M16 Datasheet
645Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319FJ044M16 GLENAIR-319FJ044M16 Datasheet
99Kb / 2P
   EMI/RFI Shield Sock Shrink Boot Adapter
319-134 GLENAIR-319-134 Datasheet
176Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
319FS134XM08B GLENAIR-319FS134XM08B Datasheet
337Kb / 2P
   Composite EMI/RFI Ultra Low-Profile Shield Sock
527284BP GLENAIR-527284BP Datasheet
70Kb / 2P
   EMI/RFI Shield Sock Backshell with Strain-Relief for Size 2 ARINC 600 Series Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com