Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63813-PXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C63813-PXC
Description  enCoRe??II Low Speed USB Peripheral Controller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63813-PXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C63813-PXC Datasheet HTML 4Page - Cypress Semiconductor CY7C63813-PXC Datasheet HTML 5Page - Cypress Semiconductor CY7C63813-PXC Datasheet HTML 6Page - Cypress Semiconductor CY7C63813-PXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63813-PXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63813-PXC Datasheet HTML 9Page - Cypress Semiconductor CY7C63813-PXC Datasheet HTML 10Page - Cypress Semiconductor CY7C63813-PXC Datasheet HTML 11Page - Cypress Semiconductor CY7C63813-PXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
CY7C63310, CY7C638xx
Document 38-08035 Rev. *N
Page 8 of 86
6. CPU Architecture
This family of microcontrollers is based on a high performance,
8-bit, Harvard architecture microprocessor. Five registers control
the primary operation of the CPU core. These registers are
affected by various instructions, but are not directly accessible
through the register space by the user.
The 16-bit Program Counter Register (CPU_PC) allows direct
addressing of the full 8 Kbytes of program memory space.
The Accumulator Register (CPU_A) is the general purpose
register, which holds the results of instructions that specify any
of the source addressing modes.
The Index Register (CPU_X) holds an offset value that is used
in the indexed addressing modes. Typically, this is used to
address a block of data within the data memory space.
The Stack Pointer Register (CPU_SP) holds the address of the
current top of the stack in the data memory space. It is affected
by the PUSH, POP, LCALL, CALL, RETI, and RET instructions,
which manage the software stack. It is also affected by the SWAP
and ADD instructions.
The Flag Register (CPU_F) has three status bits: Zero Flag bit
[1]; Carry Flag bit [2]; Supervisory State bit [3]. The Global
Interrupt Enable bit [0] globally enables or disables interrupts.
The user cannot manipulate the Supervisory State status bit [3].
The flags are affected by arithmetic, logic, and shift operations.
The manner in which each flag is changed is dependent upon
the instruction being executed, such as AND, OR, XOR, and
others. See Table 8-1 on page 13.
2
4
4
3
8
2
6
P0.5/TIO0 GPIO Port 0 bit 5. Configured individually
Alternate function Timer capture inputs or Timer
output TIO0
1
3
3
2
7
1
5
P0.6/TIO1 GPIO Port 0 bit 6. Configured individually
Alternate function Timer capture inputs or Timer
output TIO1
32
2
2
1
6
P0.7
GPIO Port 0 bit 7
. Configured individually
Not present in the 16 pin PDIP or SOIC package
10
1
1
NC
No connect
11
12
24
NC
No connect
12
NC
No connect
17
NC
No connect
19
NC
No connect
27
NC
No connect
28
NC
No connect
29
NC
No connect
30
NC
No connect
31
NC
No connect
16
16
15
12
17
11
15
Vcc
Supply
13
13
12
9
14
8
12
VSS
Ground
Table 5-2. Pin Description
(continued)
32
QFN
24
QSOP
24
SOIC
18
SIOC
18
PDIP
16
SOIC
16
PDIP
Name
Description
Table 6-1. CPU Registers and Register Names
CPU Register
Register Name
Flags
CPU_F
Program Counter
CPU_PC
Accumulator
CPU_A
Stack Pointer
CPU_SP
Index
CPU_X
[+] Feedback


Similar Part No. - CY7C63813-PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63813-PXC CYPRESS-CY7C63813-PXC Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63813-PXC CYPRESS-CY7C63813-PXC Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63813-PXC CYPRESS-CY7C63813-PXC_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results

Similar Description - CY7C63813-PXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_08 Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com