Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1429KV18 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1429KV18
Description  36-Mbit DDR II SIO SRAM 2-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1429KV18 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1429KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1429KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1429KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1429KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1429KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1429KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1429KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1429KV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1429KV18 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CY7C1422KV18, CY7C1429KV18
CY7C1423KV18, CY7C1424KV18
Document Number: 001-57829 Rev. *B
Page 7 of 32
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
synchronous
Data input signals. Sampled on the rising edge of K and K clocks during valid write operations.
CY7C1422KV18 - D[7:0]
CY7C1429KV18 - D[8:0]
CY7C1423KV18 - D[17:0]
CY7C1424KV18 - D[35:0]
LD
Input-
synchronous
Synchronous load. This input is brought LOW when a bus cycle sequence is defined. This definition
includes address and read/write direction. All transactions operate on a burst of 2 data (one clock period
of bus activity).
NWS0,
NWS1
Nibble write select 0, 1
 active LOW (CY7C1422KV18 only). Sampled on the rising edge of the K and
K clocks during Write operations. Used to select which nibble is written into the device during the current
portion of the Write operations. Nibbles not written remain unaltered.
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All nibble write selects are sampled on the same edge as the data. Deselecting a nibble write select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
synchronous
Byte write select 0, 1, 2, and 3
 active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the write
operations. Bytes not written remain unaltered.
CY7C1429KV18
 BWS0 controls D[8:0]
CY7C1423KV18
 BWS0 controls D[8:0], BWS1 controls D[17:9].
CY7C1424KV18
BWS0 controls D[8:0], BWS1 controls D[17:9],BWS2 controls D[26:18] and BWS3 controls
D[35:27].
All the byte write selects are sampled on the same edge as the data. Deselecting a byte write select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
synchronous
Address inputs. Sampled on the rising edge of the K clock during active read and write operations. These
address inputs are multiplexed for both read and write operations. Internally, the device is organized as
4 M × 8 (2 arrays each of 2 M × 8) for CY7C1422KV18, 4 M × 9 (2 arrays each of 2 M × 9) for
CY7C1429KV18, 2 M × 18 (2 arrays each of 1 M × 18) for CY7C1423KV18 and 1 M × 36 (2 arrays each
of 512 K × 36) for CY7C1424KV18. Therefore, only 21 address inputs are needed to access the entire
memory array of CY7C1422KV18 and CY7C1429KV18, 20 address inputs for CY7C1423KV18 and 19
address inputs for CY7C1424KV18. These inputs are ignored when the appropriate port is deselected.
Q[x:0]
Outputs-
synchronous
Data output signals. These pins drive out the requested data during a read operation. Valid data is driven
out on the rising edge of both the C and C clocks during read operations, or K and K when in single clock
mode. When the read port is deselected, Q[x:0] are automatically tristated.
CY7C1422KV18
 Q[7:0]
CY7C1429KV18
 Q[8:0]
CY7C1423KV18
 Q[17:0]
CY7C1424KV18
 Q[35:0]
R/W
Input-
synchronous
Synchronous read/write input. When LD is LOW, this input designates the access type (read when
R/W is HIGH, write when R/W is LOW) for the loaded address. R/W must meet the setup and hold times
around the edge of K.
C
Input clock
Positive input clock for output data. C is used in conjunction with C to clock out the read data from the
device. C and C can be used together to deskew the flight times of various devices on the board back to
the controller. See Application Example on page 10 for further details.
C
Input clock
Negative input clock for output data. C is used in conjunction with C to clock out the read data from
the device. C and C can be used together to deskew the flight times of various devices on the board back
to the controller. See Application Example on page 10 for further details.
K
Input clock
Positive input clock input. The rising edge of K is used to capture synchronous inputs to the device and
to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising edge of K.
K
Input clock
Negative input clock input. K is used to capture synchronous inputs being presented to the device and
to drive out data through Q[x:0] when in single clock mode.
[+] Feedback


Similar Part No. - CY7C1429KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1429AV18 CYPRESS-CY7C1429AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1429AV18-167BZC CYPRESS-CY7C1429AV18-167BZC Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1429AV18-167BZI CYPRESS-CY7C1429AV18-167BZI Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1429AV18-167BZXC CYPRESS-CY7C1429AV18-167BZXC Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1429AV18-167BZXI CYPRESS-CY7C1429AV18-167BZXI Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1429KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1422JV18 CYPRESS-CY7C1422JV18 Datasheet
678Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422AV18 CYPRESS-CY7C1422AV18 Datasheet
466Kb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18 Datasheet
1Mb / 28P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1422BV18 CYPRESS-CY7C1422BV18_07 Datasheet
658Kb / 30P
   36-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522V18 CYPRESS-CY7C1522V18 Datasheet
446Kb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392JV18 CYPRESS-CY7C1392JV18 Datasheet
1Mb / 26P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392BV18 CYPRESS-CY7C1392BV18 Datasheet
483Kb / 27P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
CY7C1392CV18 CYPRESS-CY7C1392CV18 Datasheet
695Kb / 30P
   18-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com