Electronic Components Datasheet Search |
|
CY7C1416KV18 Datasheet(PDF) 11 Page - Cypress Semiconductor |
|
CY7C1416KV18 Datasheet(HTML) 11 Page - Cypress Semiconductor |
11 / 32 page CY7C1416KV18, CY7C1427KV18 CY7C1418KV18, CY7C1420KV18 Document Number: 001-57827 Rev. *B Page 11 of 32 Truth Table The truth table for the CY7C1416KV18, CY7C1427KV18, CY7C1418KV18, and CY7C1420KV18 follow.[2, 3, 4, 5, 6, 7] Operation K LD R/W DQ DQ Write cycle: Load address; wait one cycle; input write data on consecutive K and K rising edges. L–H L L D(A1) at K(t + 1) D(A2) at K(t + 1) Read cycle: Load address; wait one and a half cycle; read data on consecutive C and C rising edges. L–H L H Q(A1) at C(t + 1) Q(A2) at C(t + 2) NOP: No operation L–H H X High Z High Z Standby: Clock stopped Stopped X X Previous state Previous state Burst Address Table (CY7C1418KV18, CY7C1420KV18) First Address (External) Second Address (Internal) X..X0 X..X1 X..X1 X..X0 Write Cycle Descriptions The write cycle description table for CY7C1416KV18 and CY7C1418KV18 follows.[2, 8] BWS0/ NWS0 BWS1/ NWS1 K K Comments L L L–H – During the data portion of a write sequence CY7C1416KV18 both nibbles (D[7:0]) are written into the device. CY7C1418KV18 both bytes (D[17:0]) are written into the device. L L – L–H During the data portion of a write sequence CY7C1416KV18 both nibbles (D[7:0]) are written into the device. CY7C1418KV18 both bytes (D[17:0]) are written into the device. L H L–H – During the data portion of a write sequence CY7C1416KV18 only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered. CY7C1418KV18 only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered. L H – L–H During the data portion of a write sequence CY7C1416KV18 only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered. CY7C1418KV18 only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered. H L L–H – During the data portion of a write sequence CY7C1416KV18 only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered. CY7C1418KV18 only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered. H L – L–H During the data portion of a write sequence CY7C1416KV18 only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered. CY7C1418KV18 only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered. H H L–H – No data is written into the devices during this portion of a write operation. H H – L–H No data is written into the devices during this portion of a write operation. Notes 2. X = “Don’t Care,” H = Logic HIGH, L = Logic LOW, represents rising edge. 3. Device powers up deselected with the outputs in a tristate condition. 4. On CY7C1418KV18 and CY7C1420KV18, “A1” represents address location latched by the devices when transaction was initiated and “A2” represents the addresses sequence in the burst. On CY7C1416KV18 and CY7C1427KV18, “A1” represents A + ‘0’ and “A2” represents A + ‘1’. 5. “t” represents the cycle at which a read/write operation is started. t + 1 and t + 2 are the first and second clock cycles succeeding the “t” clock cycle. 6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode. 7. Ensure that when the clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically. 8. Is based on a write cycle that was initiated in accordance with the Write Cycle Descriptions table. NWS0, NWS1, BWS0, BWS1, BWS2, and BWS3 can be altered on different portions of a write cycle, as long as the setup and hold requirements are achieved. [+] Feedback |
Similar Part No. - CY7C1416KV18 |
|
Similar Description - CY7C1416KV18 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |