Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1911KV18-250BZC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1911KV18-250BZC
Description  18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1911KV18-250BZC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1911KV18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1911KV18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1911KV18-250BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1911KV18-250BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1911KV18-250BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1911KV18-250BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C1911KV18-250BZC Datasheet HTML 13Page - Cypress Semiconductor CY7C1911KV18-250BZC Datasheet HTML 14Page - Cypress Semiconductor CY7C1911KV18-250BZC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
CY7C1311KV18, CY7C1911KV18
CY7C1313KV18, CY7C1315KV18
Document Number: 001-58904 Rev. *C
Page 11 of 33
Application Example
Figure 1 shows four QDR II used in an application.
Figure 1. Application Example
Truth Table
The truth table for CY7C1311KV18, CY7C1911KV18, CY7C1313KV18, and CY7C1315KV18 follow.[2, 3, 4, 5, 6, 7]
Operation
K
RPS WPS
DQ
DQ
DQ
DQ
Write cycle:
Load address on the rising
edge of K; input write data
on two consecutive K and
K rising edges.
L–H
H[8]
L[9] D(A) at K(t + 1)
 D(A + 1) at K(t + 1) D(A + 2) at K(t + 2) D(A + 3) at K(t + 2)
Read cycle:
Load address on the rising
edge of K; wait one and a
half cycle; read data on
two consecutive C and C
rising edges.
L–H
L[9]
X
Q(A) at C(t + 1)
 Q(A + 1) at C(t + 2) Q(A + 2) at C(t + 2) Q(A + 3) at C(t + 3)
NOP: No operation
L–H
H
H
D = X
Q = High Z
D = X
Q = High Z
D = X
Q = High Z
D = X
Q = High Z
Standby: Clock stopped
Stopped
X
X
Previous state
Previous state
Previous state
Previous state
R = 250
ohms
Vt
R
R = 250
ohms
Vt
Vt
R
Vt = Vddq/2
R = 50
ohms
R
CC#
D
A
SRAM #4
R
P
S
#
W
P
S
#
B
W
S
#
K
ZQ
CQ/CQ#
Q
K#
CC#
D
A
K
SRAM #1
R
P
S
#
W
P
S
#
B
W
S
#
ZQ
CQ/CQ#
Q
K#
BUS
MASTER
(CPU
or
ASIC)
DATA IN
DATA OUT
Address
RPS#
WPS#
BWS#
Source K
Source K#
Delayed K
Delayed K#
CLKIN/CLKIN#
Notes
2. X = ‘Don't Care’, H = Logic HIGH, L = Logic LOW,
represents rising edge.
3. Device powers up deselected with the outputs in a tristate condition.
4. ‘A’ represents address location latched by the devices when transaction was initiated. A + 1, A + 2, and A +3 represents the address sequence in the burst.
5. ‘t’ represents the cycle at which a read/write operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the ‘t’ clock cycle.
6. Data inputs are registered at K and K rising edges. Data outputs are delivered on C and C rising edges, except when in single clock mode.
7. Ensure that when the clock is stopped K = K and C = C = HIGH. This is not essential, but permits most rapid restart by overcoming transmission line charging
symmetrically.
8. If this signal was LOW to initiate the previous cycle, this signal becomes a ‘Don’t Care’ for this operation.
9. This signal was HIGH on previous K clock rise. Initiating consecutive read or write operations on consecutive K clock rises is not permitted. The device ignores the
second read or write request.
[+] Feedback


Similar Part No. - CY7C1911KV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1911KV18-250BZC CYPRESS-CY7C1911KV18-250BZC_12 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
More results

Similar Description - CY7C1911KV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311KV18 CYPRESS-CY7C1311KV18_12 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18_12 Datasheet
936Kb / 35P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1613KV18 CYPRESS-CY7C1613KV18 Datasheet
867Kb / 32P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1313CV18 CYPRESS-CY7C1313CV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM 4-Word Burst Architecture
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312CV18 CYPRESS-CY7C1312CV18_11 Datasheet
1Mb / 26P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com