Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1356C Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1356C
Description  9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1356C Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1356C Datasheet HTML 5Page - Cypress Semiconductor CY7C1356C Datasheet HTML 6Page - Cypress Semiconductor CY7C1356C Datasheet HTML 7Page - Cypress Semiconductor CY7C1356C Datasheet HTML 8Page - Cypress Semiconductor CY7C1356C Datasheet HTML 9Page - Cypress Semiconductor CY7C1356C Datasheet HTML 10Page - Cypress Semiconductor CY7C1356C Datasheet HTML 11Page - Cypress Semiconductor CY7C1356C Datasheet HTML 12Page - Cypress Semiconductor CY7C1356C Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CY7C1354C, CY7C1356C
Document Number: 38-05538 Rev. *K
Page 9 of 32
The data written during the write operation is controlled by BW
(BWa,b,c,d for CY7C1354C and BWa,b for CY7C1356C) signals.
The CY7C1354C/CY7C1356C provides byte write capability that
is described in the Write Cycle Description table. Asserting the
write enable input (WE) with the selected byte write select (BW)
input will selectively write to only the desired bytes. Bytes not
selected during a byte write operation remain unaltered. A
synchronous self-timed write mechanism is provided to simplify
the write operations. Byte write capability is included to greatly
simplify read/modify/write sequences, which can be reduced to
simple byte write operations.
Because the CY7C1354C and CY7C1356C are common I/O
devices, data should not be driven into the device while the
outputs are active. The output enable (OE) can be deasserted
HIGH
before
presenting
data
to
the
DQ and DQP
(DQa,b,c,d/DQPa,b,c,d for CY7C1354C and DQa,b/DQPa,b for
CY7C1356C) inputs. Doing so will tristate the output drivers. As
a safety precaution, DQ and DQP (DQa,b,c,d/DQPa,b,c,d for
CY7C1354C
and
DQa,b/DQPa,b for CY7C1356C) are
automatically tristated during the data portion of a write cycle,
regardless of the state of OE.
Burst Write Accesses
The CY7C1354C/CY7C1356C has an on-chip burst counter that
enables the user the ability to supply a single address and
conduct up to four write operations without reasserting the
address inputs. ADV/LD must be driven LOW to load the initial
address, as described in Single Write Accesses on page 8.
When ADV/LD is driven HIGH on the subsequent clock rise, the
chip enables (CE1, CE2, and CE3) and WE inputs are ignored
and the burst counter is incremented. The correct BW (BWa,b,c,d
for CY7C1354C and BWa,b for CY7C1356C) inputs must be
driven in each cycle of the burst write to write the correct bytes
of data.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation ‘sleep’ mode. Two clock
cycles are required to enter into or exit from this ‘sleep’ mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected prior to entering the “sleep” mode. CE1, CE2,
and CE3, must remain inactive for the duration of tZZREC after the
ZZ input returns LOW.
Table 1. Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
Second
Address
Third
Address
Fourth
Address
A1, A0
A1, A0
A1, A0
A1, A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Table 2. Linear Burst Address Table (MODE = GND)
First
Address
Second
Address
Third
Address
Fourth
Address
A1, A0
A1, A0
A1, A0
A1, A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
Table 3. ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ
 VDD 0.2 V
50
mA
tZZS
Device operation to ZZ
ZZ
VDD  0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ
0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current
This parameter is sampled
0
ns
[+] Feedback


Similar Part No. - CY7C1356C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1356C CYPRESS-CY7C1356C Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356C-166AXC CYPRESS-CY7C1356C-166AXC Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356C-166AXI CYPRESS-CY7C1356C-166AXI Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356C-166BGC CYPRESS-CY7C1356C-166BGC Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
CY7C1356C-166BGI CYPRESS-CY7C1356C-166BGI Datasheet
516Kb / 28P
   9-Mbit (256K x 36/512K x 18) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1356C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1354CV25 CYPRESS-CY7C1354CV25_12 Datasheet
835Kb / 33P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1360C CYPRESS-CY7C1360C_12 Datasheet
1Mb / 37P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined SRAM
CY7C1355C CYPRESS-CY7C1355C_12 Datasheet
783Kb / 33P
   9-Mbit (256 K 횞 36 / 512 K 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370DV25 CYPRESS-CY7C1370DV25_12 Datasheet
774Kb / 30P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1372D CYPRESS-CY7C1372D_12 Datasheet
968Kb / 31P
   18-Mbit (512 K 횞 36/1 M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1366C CYPRESS-CY7C1366C_12 Datasheet
984Kb / 32P
   9-Mbit (256 K 횞 36/512 K 횞 18) Pipelined DCD Sync SRAM
CY7C1352G CYPRESS-CY7C1352G_12 Datasheet
538Kb / 20P
   4-Mbit (256 K 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1361C CYPRESS-CY7C1361C_12 Datasheet
1Mb / 34P
   9-Mbit (256 K 횞 36/512 K 횞 18) Flow-Through SRAM
CY7C1350G CYPRESS-CY7C1350G_12 Datasheet
621Kb / 21P
   4-Mbit (128 K 횞 36) Pipelined SRAM with NoBL??Architecture
CY7C1371D CYPRESS-CY7C1371D_12 Datasheet
1Mb / 37P
   18-Mbit (512 K 횞 36/1 M 횞 18) Flow-Through SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com