Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1911KV18-300BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1911KV18-300BZC
Description  18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1911KV18-300BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1911KV18-300BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1911KV18-300BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1911KV18-300BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1911KV18-300BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1911KV18-300BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1911KV18-300BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1911KV18-300BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1911KV18-300BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1911KV18-300BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CY7C1311KV18, CY7C1911KV18
CY7C1313KV18, CY7C1315KV18
Document Number: 001-58904 Rev. *C
Page 8 of 33
CQ
Echo clock
CQ Referenced with Respect to C. This is a free running clock and is synchronized to the input clock for
output data (C) of the QDR II. In the single clock mode, CQ is generated with respect to K. The timings
for the echo clocks are shown in the Switching Characteristics on page 26.
ZQ
Input
Output Impedance Matching Input. This input is used to tune the device outputs to the system data bus
impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a resistor connected
between ZQ and ground. Alternatively, this pin can be connected directly to VDDQ, which enables the
minimum impedance mode. This pin cannot be connected directly to GND or left unconnected.
DOFF
Input
PLL Turn Off
 Active LOW. Connecting this pin to ground turns off the PLL inside the device. The timings
in the PLL turned off operation differs from those listed in this data sheet. For normal operation, this pin
is connected to a pull up through a 10 K
 or less pull up resistor. The device behaves in QDR I mode
when the PLL is turned off. In this mode, the device can be operated at a frequency of up to 167 MHz
with QDR I timing.
TDO
Output
TDO for JTAG.
TCK
Input
TCK Pin for JTAG.
TDI
Input
TDI Pin for JTAG.
TMS
Input
TMS Pin for JTAG.
NC
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/36M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/72M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/144M
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/288M
N/A
Not Connected to the Die. Can be tied to any voltage level.
VREF
Input-
reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power supply Power Supply Inputs to the Core of the Device.
VSS
Ground
Ground for the Device.
VDDQ
Power supply Power Supply Inputs for the Outputs of the Device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description
[+] Feedback


Similar Part No. - CY7C1911KV18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1911KV18-300BZC CYPRESS-CY7C1911KV18-300BZC_12 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
More results

Similar Description - CY7C1911KV18-300BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1311KV18 CYPRESS-CY7C1311KV18_12 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1411KV18 CYPRESS-CY7C1411KV18_12 Datasheet
936Kb / 35P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1613KV18 CYPRESS-CY7C1613KV18 Datasheet
867Kb / 32P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture
CY7C1313CV18 CYPRESS-CY7C1313CV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM 4-Word Burst Architecture
CY7C13101KV18 CYPRESS-CY7C13101KV18 Datasheet
890Kb / 32P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1310KV18 CYPRESS-CY7C1310KV18 Datasheet
1Mb / 32P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312BV18 CYPRESS-CY7C1312BV18_11 Datasheet
1Mb / 29P
   18-Mbit QDR짰 II SRAM Two-Word Burst Architecture
CY7C1312CV18 CYPRESS-CY7C1312CV18_11 Datasheet
1Mb / 26P
   18-Mbit QDR짰 II SRAM 2-Word Burst Architecture
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com