Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1916KV18 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1916KV18
Description  18-Mbit DDR II SRAM Two-Word Burst Architecture
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1916KV18 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1916KV18 Datasheet HTML 3Page - Cypress Semiconductor CY7C1916KV18 Datasheet HTML 4Page - Cypress Semiconductor CY7C1916KV18 Datasheet HTML 5Page - Cypress Semiconductor CY7C1916KV18 Datasheet HTML 6Page - Cypress Semiconductor CY7C1916KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1916KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1916KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1916KV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1916KV18 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
CY7C1316KV18, CY7C1916KV18
CY7C1318KV18, CY7C1320KV18
Document Number: 001-58905 Rev. *C
Page 7 of 32
Pin Definitions
Pin Name
I/O
Pin Description
DQ[x:0]
Input output-
synchronous
Data Input Output Signals. Inputs are sampled on the rising edge of K and K clocks during valid write
operations. These pins drive out the requested data when the read operation is active. Valid data is driven
out on the rising edge of both the C and C clocks during read operations or K and K when in single clock
mode. When read access is deselected, Q[x:0] are automatically tristated.
CY7C1316KV18
 DQ
[7:0]
CY7C1916KV18
 DQ
[8:0]
CY7C1318KV18
 DQ
[17:0]
CY7C1320KV18
 DQ
[35:0]
LD
Input-
synchronous
Synchronous Load. This input is brought LOW when a bus cycle sequence is defined. This definition
includes address and read/write direction. All transactions operate on a burst of 2 data.
NWS0,
NWS1
Input-
synchronous
Nibble Write Select 0, 1
 Active LOW (CY7C1316KV18 Only). Sampled on the rising edge of the K and
K clocks during write operations. Used to select which nibble is written into the device during the current
portion of the write operations. Nibbles not written remain unaltered.
NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
synchronous
Byte Write Select 0, 1, 2, and 3
 Active LOW. Sampled on the rising edge of the K and K clocks during
write operations. Used to select which byte is written into the device during the current portion of the write
operations. Bytes not written remain unaltered.
CY7C1916KV18
 BWS
0 controls D[8:0]
CY7C1318KV18
 BWS
0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1320KV18
 BWS
0 controls D[8:0], BWS1 controls D[17:9], BWS2 controls D[26:18] and BWS3 controls
D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A, A0
Input-
synchronous
Address Inputs. These address inputs are multiplexed for both read and write operations. Internally, the
device is organized as 2 M × 8 (2 arrays each of 1 M × 8) for CY7C1316KV18 and 2 M × 9 (2 arrays each
of 1 M × 9) for CY7C1916KV18, 1 M × 18 (2 arrays each of 512 K × 18) for CY7C1318KV18, and
512 K × 36 (2 arrays each of 256 K × 36) for CY7C1320KV18.
CY7C1316KV18 – Since the least significant bit of the address internally is a “0,” only 20 external address
inputs are needed to access the entire memory array.
CY7C1916KV18 – Since the least significant bit of the address internally is a “0,” only 20 external address
inputs are needed to access the entire memory array.
CY7C1318KV18 – A0 is the input to the burst counter. These are incremented in a linear fashion internally.
20 address inputs are needed to access the entire memory array.
CY7C1320KV18 – A0 is the input to the burst counter. These are incremented in a linear fashion internally.
19 address inputs are needed to access the entire memory array. All the address inputs are ignored when
the appropriate port is deselected.
R/W
Input-
synchronous
Synchronous Read or Write Input. When LD is LOW, this input designates the access type (read when
R/W is HIGH, write when R/W is LOW) for loaded address. R/W must meet the setup and hold times
around edge of K.
C
Input clock
Positive Input Clock for Output Data. C is used in conjunction with C to clock out the read data from the
device. C and C can be used together to deskew the flight times of various devices on the board back to
the controller. See application example for further details.
C
Input clock
Negative Input Clock for Output Data. C is used in conjunction with C to clock out the read data from the
device. C and C can be used together to deskew the flight times of various devices on the board back to
the controller. See application example for further details.
K
Input clock
Positive Input Clock Input. The rising edge of K is used to capture synchronous inputs to the device and
to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising edge of K.
K
Input clock
Negative Input Clock Input. K is used to capture synchronous data being presented to the device and to
drive out data through Q[x:0] when in single clock mode.
[+] Feedback


Similar Part No. - CY7C1916KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1916BV18 CYPRESS-CY7C1916BV18 Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1916BV18 CYPRESS-CY7C1916BV18 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1916BV18-167BZC CYPRESS-CY7C1916BV18-167BZC Datasheet
257Kb / 24P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1916BV18-167BZC CYPRESS-CY7C1916BV18-167BZC Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1916BV18-167BZI CYPRESS-CY7C1916BV18-167BZI Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1916KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1392KV18 CYPRESS-CY7C1392KV18 Datasheet
854Kb / 31P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1392KV18 CYPRESS-CY7C1392KV18_12 Datasheet
787Kb / 30P
   18-Mbit DDR II SIO SRAM Two-Word Burst Architecture
CY7C1618KV18 CYPRESS-CY7C1618KV18 Datasheet
753Kb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1518AV18 CYPRESS-CY7C1518AV18_11 Datasheet
1Mb / 29P
   72-Mbit DDR-II SRAM Two-Word Burst Architecture
CY7C1418KV18 CYPRESS-CY7C1418KV18_12 Datasheet
1Mb / 31P
   36-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C161KV18 CYPRESS-CY7C161KV18 Datasheet
1Mb / 32P
   144-Mbit DDR II SRAM Two-Word Burst Architecture
CY7C1318CV18 CYPRESS-CY7C1318CV18_11 Datasheet
1Mb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1319KV18 CYPRESS-CY7C1319KV18_13 Datasheet
503Kb / 31P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
CY7C1316BV18 CYPRESS-CY7C1316BV18_06 Datasheet
515Kb / 28P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1317KV18 CYPRESS-CY7C1317KV18 Datasheet
1Mb / 33P
   18-Mbit DDR II SRAM Four-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com