Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1276KV18 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1276KV18
Description  36-Mbit QDR짰 II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1276KV18 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1276KV18 Datasheet HTML 7Page - Cypress Semiconductor CY7C1276KV18 Datasheet HTML 8Page - Cypress Semiconductor CY7C1276KV18 Datasheet HTML 9Page - Cypress Semiconductor CY7C1276KV18 Datasheet HTML 10Page - Cypress Semiconductor CY7C1276KV18 Datasheet HTML 11Page - Cypress Semiconductor CY7C1276KV18 Datasheet HTML 12Page - Cypress Semiconductor CY7C1276KV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1276KV18 Datasheet HTML 14Page - Cypress Semiconductor CY7C1276KV18 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
CY7C1261KV18, CY7C1276KV18
CY7C1263KV18, CY7C1265KV18
Document Number: 001-57833 Rev. *C
Page 11 of 28
Truth Table
The truth table for CY7C1261KV18, CY7C1276KV18, CY7C1263KV18, and CY7C1265KV18 follows. [3, 4, 5, 6, 7, 8]
Operation
K
RPS WPS
DQ
DQ
DQ
DQ
Write cycle:
Load address on the rising
edge of K; input write data
on two consecutive K and
K rising edges.
L–H
H [9] L [10] D(A) at K(t + 1)
 D(A + 1) at K(t + 1) D(A + 2) at K(t + 2) D(A + 3) at K(t + 2)
Read cycle:
(2.5 cycle latency)
Load address on the rising
edge of K; wait two and
half cycles; read data on
two consecutive K and K
rising edges.
L–H
L [10]
X
Q(A) at K(t + 2)
 Q(A + 1) at K(t + 3) Q(A + 2) at K(t + 3) Q(A + 3) at K(t + 4)
NOP: No operation
L–H
H
H
D = X
Q = High Z
D = X
Q = High Z
D = X
Q = High Z
D = X
Q = High Z
Standby: Clock stopped
Stopped
X
X
Previous state
Previous state
Previous state
Previous state
Write Cycle Descriptions
The write cycle description table for CY7C1261KV18 and CY7C1263KV18 follows. [3, 11]
BWS0/
NWS0
BWS1/
NWS1
K
K
Comments
L
L
L–H
During the data portion of a write sequence
CY7C1261KV18
both nibbles (D[7:0]) are written into the device.
CY7C1263KV18
both bytes (D[17:0]) are written into the device.
L
L
L–H During the data portion of a write sequence
CY7C1261KV18
both nibbles (D[7:0]) are written into the device.
CY7C1263KV18
both bytes (D[17:0]) are written into the device.
L
H
L–H
During the data portion of a write sequence
CY7C1261KV18
only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1263KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
L
H
L–H During the data portion of a write sequence
CY7C1261KV18
only the lower nibble (D[3:0]) is written into the device, D[7:4] remains unaltered.
CY7C1263KV18
only the lower byte (D[8:0]) is written into the device, D[17:9] remains unaltered.
H
L
L–H
During the data portion of a write sequence
CY7C1261KV18
only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1263KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
L
L–H During the data portion of a write sequence
CY7C1261KV18
only the upper nibble (D[7:4]) is written into the device, D[3:0] remains unaltered.
CY7C1263KV18
only the upper byte (D[17:9]) is written into the device, D[8:0] remains unaltered.
H
H
L–H
No data is written into the devices during this portion of a write operation.
H
H
L–H No data is written into the devices during this portion of a write operation.
Notes
3. X = “Don't Care,” H = Logic HIGH, L = Logic LOW,
represents rising edge.
4. Device powers up deselected with the outputs in a tristate condition.
5. “A” represents address location latched by the devices when transaction was initiated. A + 1, A + 2, and A + 3 represents the address sequence in the burst.
6. “t” represents the cycle at which a read/write operation is started. t + 1, t + 2, and t + 3 are the first, second and third clock cycles respectively succeeding the “t” clock cycle.
7. Data inputs are registered at K and K rising edges. Data outputs are delivered on K and K rising edges as well.
8. It is recommended that K = K = HIGH when clock is stopped. This is not essential, but permits most rapid restart by overcoming transmission line charging symmetrically.
9. If this signal was LOW to initiate the previous cycle, this signal becomes a “Don’t Care” for this operation.
10. This signal was HIGH on previous K clock rise. Initiating consecutive read or write operations on consecutive K clock rises is not permitted. The device ignores the
second read or write request.
11. Is based on a write cycle that was initiated in accordance with Write Cycle Descriptions. NWS0, NWS1, BWS0, BWS1, BWS2, and BWS3 can be altered on different
portions of a write cycle, as long as the setup and hold requirements are achieved.
[+] Feedback


Similar Part No. - CY7C1276KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C12761KV18 CYPRESS-CY7C12761KV18 Datasheet
897Kb / 30P
   36-Mbit QDR짰 II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1276V18 CYPRESS-CY7C1276V18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1276V18-300BZC CYPRESS-CY7C1276V18-300BZC Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1276V18-300BZI CYPRESS-CY7C1276V18-300BZI Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1276V18-300BZXC CYPRESS-CY7C1276V18-300BZXC Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1276KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C12411KV18 CYPRESS-CY7C12411KV18 Datasheet
896Kb / 29P
   36-Mbit QDR짰 II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C12611KV18 CYPRESS-CY7C12611KV18 Datasheet
897Kb / 30P
   36-Mbit QDR짰 II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1241KV18 CYPRESS-CY7C1241KV18 Datasheet
913Kb / 28P
   36-Mbit QDR짰 II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1241KV18 CYPRESS-CY7C1241KV18_12 Datasheet
855Kb / 30P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1263KV18 CYPRESS-CY7C1263KV18_12 Datasheet
887Kb / 30P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2245KV18 CYPRESS-CY7C2245KV18 Datasheet
841Kb / 28P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1543KV18 CYPRESS-CY7C1543KV18 Datasheet
869Kb / 29P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSGA3636DGBA RENESAS-RMQSGA3636DGBA_15 Datasheet
853Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com