Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1049CV33-12ZSXA Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1049CV33-12ZSXA
Description  4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1049CV33-12ZSXA Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1049CV33-12ZSXA Datasheet HTML 2Page - Cypress Semiconductor CY7C1049CV33-12ZSXA Datasheet HTML 3Page - Cypress Semiconductor CY7C1049CV33-12ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY7C1049CV33-12ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY7C1049CV33-12ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY7C1049CV33-12ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY7C1049CV33-12ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY7C1049CV33-12ZSXA Datasheet HTML 9Page - Cypress Semiconductor CY7C1049CV33-12ZSXA Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY7C1049CV33 Automotive
Document #: 001-67511 Rev. **
Page 6 of 13
AC Switching Characteristics
Over the Operating Range [5]
Parameter
Description
-10
-12
-15
Unit
Min
Max
Min
Max
Min
Max
Read Cycle
tpower[6]
VCC(typical) to the first access
100
100
100
s
tRC
Read Cycle Time
10
12
15
ns
tAA
Address to Data Valid
10
12
15
ns
tOHA
Data Hold from Address Change
3
3
3
ns
tACE
CE LOW to Data Valid
10
12
15
ns
tDOE
OE LOW to Data Valid
5
6
7
ns
tLZOE
OE LOW to Low Z
0
0
0
ns
tHZOE
OE HIGH to High Z[7, 8]
5–6
–7
ns
tLZCE
CE LOW to Low Z[8]
3
–3–
3–
ns
tHZCE
CE HIGH to High Z[7, 8]
5–6
–7
ns
tPU
CE LOW to Power Up
0
–0–
0–
ns
tPD
CE HIGH to Power Down
10
12
15
ns
Write Cycle [9, 10]
tWC
Write Cycle Time
10
12
15
ns
tSCE
CE LOW to Write End
7
8
10
ns
tAW
Address Setup to Write End
7
8
10
ns
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup to Write Start
0
0
0
ns
tPWE
WE Pulse Width
7
8
10
ns
tSD
Data Setup to Write End
5
–6–
7–
ns
tHD
Data Hold from Write End
0
–0–
0–
ns
tLZWE
WE HIGH to Low Z[8]
3
–3–
3–
ns
tHZWE
WE LOW to High Z[7, 8]
5–6
–7
ns
Notes
5. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, input pulse levels of 0 to 3.0 V.
6. tPOWER gives the minimum amount of time that the power supply should be at stable, typical VCC values until the first memory access can be performed.
7. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (d) ofFigure 3 on page 5. Transition is measured ±500 mV from steady-state voltage.
8. At any temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any device.
9. The internal Write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a Write, and the transition of either of
these signals can terminate the Write. The input data setup and hold timing should be referenced to the leading edge of the signal that terminates the Write.
10. The minimum Write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
[+] Feedback


Similar Part No. - CY7C1049CV33-12ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049CV33-12ZSXA CYPRESS-CY7C1049CV33-12ZSXA Datasheet
898Kb / 12P
   4 Mbit (512K x 8) Static RAM
More results

Similar Description - CY7C1049CV33-12ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1049D CYPRESS-CY7C1049D_11 Datasheet
330Kb / 12P
   4-Mbit (512 K 횞 8) Static RAM TTL-compatible inputs and outputs
CY7C1012AV33 CYPRESS-CY7C1012AV33_11 Datasheet
487Kb / 13P
   512 K 횞 24 Static RAM TTL-compatible inputs and outputs
CY7C1041CV33AUTO CYPRESS-CY7C1041CV33AUTO Datasheet
572Kb / 17P
   4-Mbit (256 K 횞 16) Static RAM TTL-compatible inputs and outputs
CY7C1049CV33 CYPRESS-CY7C1049CV33_11 Datasheet
845Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CY62148E CYPRESS-CY62148E_10 Datasheet
420Kb / 14P
   4-Mbit (512 K 횞 8) Static RAM
CYRS1049DV33 CYPRESS-CYRS1049DV33 Datasheet
1Mb / 16P
   4-Mbit (512 K 횞 8) Static RAM
CY62148EV30 CYPRESS-CY62148EV30_12 Datasheet
414Kb / 18P
   4-Mbit (512 K 횞 8) Static RAM
CY62148ESL CYPRESS-CY62148ESL_10 Datasheet
372Kb / 13P
   4-Mbit (512 K 횞 8) Static RAM
CG7480AT CYPRESS-CG7480AT Datasheet
488Kb / 16P
   8-Mbit (512 K 횞 16) Static RAM
CY7C1079DV33 CYPRESS-CY7C1079DV33 Datasheet
484Kb / 14P
   32-Mbit (4 M x 8) Static RAM TTL Compatible Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com