Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1146KV18 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CY7C1146KV18
Description  18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1146KV18 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CY7C1146KV18 Datasheet HTML 13Page - Cypress Semiconductor CY7C1146KV18 Datasheet HTML 14Page - Cypress Semiconductor CY7C1146KV18 Datasheet HTML 15Page - Cypress Semiconductor CY7C1146KV18 Datasheet HTML 16Page - Cypress Semiconductor CY7C1146KV18 Datasheet HTML 17Page - Cypress Semiconductor CY7C1146KV18 Datasheet HTML 18Page - Cypress Semiconductor CY7C1146KV18 Datasheet HTML 19Page - Cypress Semiconductor CY7C1146KV18 Datasheet HTML 20Page - Cypress Semiconductor CY7C1146KV18 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
CY7C1146KV18, CY7C1157KV18
CY7C1148KV18, CY7C1150KV18
Document Number: 001-58912 Rev. *C
Page 17 of 29
TAP AC Switching Characteristics
Over the Operating Range [14, 15]
Parameter
Description
Min
Max
Unit
tTCYC
TCK Clock Cycle Time
50
ns
tTF
TCK Clock Frequency
20
MHz
tTH
TCK Clock HIGH
20
ns
tTL
TCK Clock LOW
20
ns
Setup Times
tTMSS
TMS Setup to TCK Clock Rise
5
ns
tTDIS
TDI Setup to TCK Clock Rise
5
ns
tCS
Capture Setup to TCK Rise
5
ns
Hold Times
tTMSH
TMS Hold after TCK Clock Rise
5
ns
tTDIH
TDI Hold after Clock Rise
5
ns
tCH
Capture Hold after Clock Rise
5
ns
Output Times
tTDOV
TCK Clock LOW to TDO Valid
10
ns
tTDOX
TCK Clock LOW to TDO Invalid
0
ns
TAP Timing and Test Conditions
Figure 2 shows the TAP timing and test conditions. [15]
Figure 2. TAP Timing and Test Conditions
tTL
tTH
(a)
TDO
CL = 20 pF
Z0 = 50 
GND
0.9 V
50
1.8 V
0 V
All Input Pulses
0.9 V
Test Clock
Test Mode Select
TCK
TMS
Test Data In
TDI
Test Data Out
tTCYC
tTMSH
tTMSS
tTDIS
tTDIH
tTDOV
tTDOX
TDO
Notes
14. tCS and tCH refer to the setup and hold time requirements of latching data from the boundary scan register.
15. Test conditions are specified using the load in TAP AC Test Conditions. tR/tF = 1 ns.
[+] Feedback


Similar Part No. - CY7C1146KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C11461KV18 CYPRESS-CY7C11461KV18 Datasheet
854Kb / 29P
   18-Mbit DDR II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1146V18 CYPRESS-CY7C1146V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1146V18-333BZC CYPRESS-CY7C1146V18-333BZC Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1146V18-333BZI CYPRESS-CY7C1146V18-333BZI Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1146V18-333BZXC CYPRESS-CY7C1146V18-333BZXC Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.0 Cycle Read Latency)
More results

Similar Description - CY7C1146KV18

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1166KV18 CYPRESS-CY7C1166KV18 Datasheet
874Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C11661KV18 CYPRESS-CY7C11661KV18 Datasheet
754Kb / 26P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1668KV18 CYPRESS-CY7C1668KV18 Datasheet
771Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1268KV18 CYPRESS-CY7C1268KV18_12 Datasheet
871Kb / 28P
   36-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1166V18 CYPRESS-CY7C1166V18 Datasheet
1Mb / 27P
   18-Mbit DDR-II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C2168KV18 CYPRESS-CY7C2168KV18 Datasheet
879Kb / 29P
   18-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C1268XV18 CYPRESS-CY7C1268XV18 Datasheet
900Kb / 28P
   36-Mbit DDR II Xtreme SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1648KV18 CYPRESS-CY7C1648KV18_12 Datasheet
857Kb / 30P
   144-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1548KV18 CYPRESS-CY7C1548KV18_12 Datasheet
844Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C1566KV18 CYPRESS-CY7C1566KV18_11 Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com