Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1041BNV33L-12VXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1041BNV33L-12VXC
Description  256 K x 16 Static RAM Low CMOS standby power 1.8 mW (max.)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1041BNV33L-12VXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1041BNV33L-12VXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1041BNV33L-12VXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1041BNV33L-12VXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1041BNV33L-12VXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1041BNV33L-12VXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1041BNV33L-12VXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1041BNV33L-12VXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1041BNV33L-12VXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1041BNV33L-12VXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY7C1041BNV33
Document #: 001-06434 Rev. *C
Page 5 of 14
Switching Characteristics[4]
Over the Operating Range
Parameter
Description
-12
Unit
Min
Max
READ CYCLE
tRC
Read Cycle Time
12
ns
tAA
Address to Data Valid
12
ns
tOHA
Data Hold from Address Change
3
ns
tACE
CE LOW to Data Valid
12
ns
tDOE
OE LOW to Data Valid
6
ns
tLZOE
OE LOW to Low Z
0
ns
tHZOE
OE HIGH to High Z[5, 6]
–6
ns
tLZCE
CE LOW to Low Z[6]
3–
ns
tHZCE
CE HIGH to High Z[5, 6]
–6
ns
tPU
CE LOW to Power-Up
0
ns
tPD
CE HIGH to Power-Down
12
ns
tDBE
Byte Enable to Data Valid
6
ns
tLZBE
Byte Enable to Low Z
0
ns
tHZBE
Byte Disable to High Z
6
ns
WRITE CYCLE[7, 8]
tWC
Write Cycle Time
12
ns
tSCE
CE LOW to Write End
10
ns
tAW
Address Set-Up to Write End
10
ns
tHA
Address Hold from Write End
0
ns
tSA
Address Set-Up to Write Start
0
ns
tPWE
WE Pulse Width
10
ns
tSD
Data Set-Up to Write End
7
ns
tHD
Data Hold from Write End
0
ns
tLZWE
WE HIGH to Low Z[6]
3–
ns
tHZWE
WE LOW to High Z[5, 6]
–6
ns
tBW
Byte Enable to End of Write
10
ns
Notes
4. Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5 V, input pulse levels of 0 to 3.0 V, and output loading of the specified
IOL/IOH and 30-pF load capacitance.
5. tHZOE, tHZCE, and tHZWE are specified with a load capacitance of 5 pF as in part (b) of AC Test Loads and Waveforms on page 4. Transition is measured ±500 mV
from steady-state voltage.
6. At any given temperature and voltage condition, tHZCE is less than tLZCE, tHZOE is less than tLZOE, and tHZWE is less than tLZWE for any given device.
7. The internal write time of the memory is defined by the overlap of CE LOW, and WE LOW. CE and WE must be LOW to initiate a write, and the transition of either
of these signals can terminate the write. The input data set-up and hold timing should be referenced to the leading edge of the signal that terminates the write.
8. The minimum write cycle time for Write Cycle No. 3 (WE controlled, OE LOW) is the sum of tHZWE and tSD.
[+] Feedback


Similar Part No. - CY7C1041BNV33L-12VXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1041BNV33L-12VXC CYPRESS-CY7C1041BNV33L-12VXC Datasheet
414Kb / 8P
   256K x 16 Static RAM
CY7C1041BNV33L-12VXC CYPRESS-CY7C1041BNV33L-12VXC Datasheet
405Kb / 8P
   256K x 16 Static RAM
More results

Similar Description - CY7C1041BNV33L-12VXC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM31564 ETC1-PDM31564 Datasheet
286Kb / 9P
   256 X 16 CMOS 3.3V STATIC RAM
logo
Cypress Semiconductor
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62136ESL_1106 CYPRESS-CY62136ESL_1106 Datasheet
485Kb / 15P
   2-Mbit (128 K x 16) Static RAM Ultra low standby power
CY7C1041DV33-10ZSXIT CYPRESS-CY7C1041DV33-10ZSXIT Datasheet
474Kb / 19P
   CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
logo
List of Unclassifed Man...
T15V8M16A ETC-T15V8M16A Datasheet
87Kb / 12P
   512K X 16 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1M16A TMT-T15N1M16A Datasheet
102Kb / 13P
   64K X 16 LOW POWER CMOS STATIC RAM?
T15V4M16A TMT-T15V4M16A Datasheet
90Kb / 12P
   256K X 16 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com