Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B9945V-2AXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7B9945V-2AXI
Description  High Speed Multi-phase PLL Clock Buffer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B9945V-2AXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7B9945V-2AXI Datasheet HTML 4Page - Cypress Semiconductor CY7B9945V-2AXI Datasheet HTML 5Page - Cypress Semiconductor CY7B9945V-2AXI Datasheet HTML 6Page - Cypress Semiconductor CY7B9945V-2AXI Datasheet HTML 7Page - Cypress Semiconductor CY7B9945V-2AXI Datasheet HTML 8Page - Cypress Semiconductor CY7B9945V-2AXI Datasheet HTML 9Page - Cypress Semiconductor CY7B9945V-2AXI Datasheet HTML 10Page - Cypress Semiconductor CY7B9945V-2AXI Datasheet HTML 11Page - Cypress Semiconductor CY7B9945V-2AXI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PRELIMINARY
RoboClock®
CY7B9945V
Document Number: 38-07336 Rev. *J
Page 8 of 15
Absolute Maximum Conditions
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage Temperature ............................... –40
°C to +125 °C
Ambient Temperature
with Power Applied ................................... –40
°C to +125 °C
Supply Voltage to Ground Potential..............–0.5 V to +4.6 V
DC Input Voltage ................................... –0.3 V to VCC+0.5 V
Output Current into Outputs (LOW) ............................. 40 mA
Static Discharge Voltage.......................................... > 1100 V
(MIL-STD-883, Method 3015)
Latch-up Current.................................................. > ± 200 mA
Operating Range
Range
Ambient Temperature
VCC
Commercial
0
°C to +70°C
3.3 V
±10%
Industrial
–40
°C to +85°C
3.3 V
±10%
Electrical Characteristics Over the Operating Range
Description
Test Conditions
Min
Max
Unit
LVTTL HIGH Voltage
(QF, 1Q[0:3], 2Q[0:5])
VCC = Min, IOH = –30 mA
2.4
–V
LOCK
IOH = –2 mA, VCC = Min
2.4
V
LVTTL LOW Voltage
(QF, 1Q[0:3], 2Q[0:5])
VCC = Min, IOL= 30 mA
0.5
V
LOCK
IOL= 2 mA, VCC = Min
0.5
V
High impedance State Leakage Current
–100
100
μA
LVTTL Input HIGH
Min < VCC < Max
2.0
VCC + 0.3
V
LVTTL Input LOW
Min. < VCC < Max.
–0.3
0.8
V
LVTTL VIN >VCC
VCC = GND, VIN = 3.63 V
100
μA
LVTTL Input HIGH Current
VCC = Max, VIN = VCC
500
μA
LVTTL Input LOW Current
VCC = Max, VIN = GND
–500
μA
Three level Input HIGH[4]
Min < VCC < Max
0.87 * VCC
–V
Three level Input MID[4]
Min < VCC < Max
0.47 * VCC 0.53 * VCC
V
Three level Input LOW[4]
Min < VCC < Max
0.13 * VCC
V
Three level Input HIGH
Current
FS[0:2],IF[0:3],FBDS[0:1]
VIN = VCC
200
μA
2F[0:1],[1:2]DS[0:1],FBFO
400
μA
Three level Input MID
Current
FS[0:2],IF[0:3],FBDS[0:1]
VIN = VCC/2
–50
50
μA
2F[0:1],[1:2]DS[0:1],FBFO
–100
100
μA
Three level Input LOW
Current
FS[0:2],IF[0:3],FBDS[0:1]
VIN = GND
–200
μA
2F[0:1],[1:2]DS[0:1],FBFO
–400
μA
Input Differential Voltage
400
VCC
mV
Highest Input HIGH Voltage
1.0
VCC
V
Lowest Input LOW Voltage
GND
VCC – 0.4
V
Common Mode Range (Crossing Voltage)
0.8
VCC – 0.2
V
Internal Operating
Current
CY7B9945V
VCC = Max, fMAX
[5]
250
mA
Output Current
Dissipation/Pair[4]
CY7B9945V
VCC = Max, CLOAD = 25
pF, RLOAD = 50Ω at VCC/2,
fMAX
–40
mA
[+] Feedback


Similar Part No. - CY7B9945V-2AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V-2AXI CYPRESS-CY7B9945V-2AXI Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9945V-2AXIT CYPRESS-CY7B9945V-2AXIT Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
More results

Similar Description - CY7B9945V-2AXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9945V CYPRESS-CY7B9945V Datasheet
110Kb / 10P
   High-speed Multi-phase PLL Clock Buffer
CY7B994V CYPRESS-CY7B994V Datasheet
292Kb / 14P
   High-Speed Multi-Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_11 Datasheet
586Kb / 18P
   High Speed Multi Phase PLL Clock Buffer
CY7B993V CYPRESS-CY7B993V_05 Datasheet
391Kb / 15P
   High-speed Multi-phase PLL Clock Buffer
CY7B9945V CYPRESS-CY7B9945V_07 Datasheet
261Kb / 11P
   High Speed Multi-phase PLL Clock Buffer
CY7B9930V CYPRESS-CY7B9930V Datasheet
158Kb / 9P
   High-Speed Multi-Frequency PLL Clock Buffer
CY7B9973V CYPRESS-CY7B9973V Datasheet
167Kb / 8P
   High-Speed Multi-Output PLL Clock Buffer
CY7B995 CYPRESS-CY7B995_07 Datasheet
383Kb / 13P
   2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_07 Datasheet
331Kb / 12P
   2.5/3.3V, 200 MHz High-Speed Multi-Phase PLL Clock Buffer
CY7B9950 CYPRESS-CY7B9950_06 Datasheet
296Kb / 10P
   2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com