Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7B991 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7B991
Description  Programmable Skew Clock Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B991 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7B991_11 Datasheet HTML 2Page - Cypress Semiconductor CY7B991_11 Datasheet HTML 3Page - Cypress Semiconductor CY7B991_11 Datasheet HTML 4Page - Cypress Semiconductor CY7B991_11 Datasheet HTML 5Page - Cypress Semiconductor CY7B991_11 Datasheet HTML 6Page - Cypress Semiconductor CY7B991_11 Datasheet HTML 7Page - Cypress Semiconductor CY7B991_11 Datasheet HTML 8Page - Cypress Semiconductor CY7B991_11 Datasheet HTML 9Page - Cypress Semiconductor CY7B991_11 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
CY7B991
CY7B992
Document Number: 38-07138 Rev. *I
Page 6 of 21
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. User guidelines are not tested.
Storage Temperature ............................... –65
°C to +150 °C
Ambient Temperature with
Power Applied .......................................... –55
°C to +125 °C
Supply Voltage to Ground Potential..............–0.5 V to +7.0 V
DC Input Voltage ..........................................–0.5 V to +7.0 V
Output Current into Outputs (LOW) ............................. 64 mA
Static Discharge Voltage........................................... >2001 V
(MIL-STD-883, Method 3015)
Latch Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70 °C
5 V
± 10%
Industrial
–40
°C to +85 °C
5 V
± 10%
[+] Feedback


Similar Part No. - CY7B991_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991-2 CYPRESS-CY7B991-2 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B991-2JC CYPRESS-CY7B991-2JC Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B991-2JC CYPRESS-CY7B991-2JC Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991-2JCT CYPRESS-CY7B991-2JCT Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991-2JXC CYPRESS-CY7B991-2JXC Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
More results

Similar Description - CY7B991_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_07 Datasheet
515Kb / 19P
   Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991 Datasheet
288Kb / 15P
   Programmable Skew Clock Buffer
CY7B9911 CYPRESS-CY7B9911_08 Datasheet
491Kb / 13P
   Programmable Skew Clock Buffer
logo
Exar Corporation
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
   3.3V PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911 Datasheet
244Kb / 12P
   Programmable Skew Clock Buffer (PSCB)
logo
Maxwell Technologies
7B991 MAXWELL-7B991 Datasheet
253Kb / 17P
   Programmable Skew Clock Buffer (PSCB)
logo
Cypress Semiconductor
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
   3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
   Low Voltage Programmable Skew Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com