Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XL11ZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2XL11ZXI
Description  100 MHz LVDS Clock Generator Output frequency: 100 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XL11ZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2XL11ZXI Datasheet HTML 1Page - Cypress Semiconductor CY2XL11ZXI Datasheet HTML 2Page - Cypress Semiconductor CY2XL11ZXI Datasheet HTML 3Page - Cypress Semiconductor CY2XL11ZXI Datasheet HTML 4Page - Cypress Semiconductor CY2XL11ZXI Datasheet HTML 5Page - Cypress Semiconductor CY2XL11ZXI Datasheet HTML 6Page - Cypress Semiconductor CY2XL11ZXI Datasheet HTML 7Page - Cypress Semiconductor CY2XL11ZXI Datasheet HTML 8Page - Cypress Semiconductor CY2XL11ZXI Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CY2XL11
100 MHz LVDS Clock Generator
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-42886 Rev. *F
Revised March 18, 2011
Features
One low-voltage differential signaling (LVDS) output pair
Output frequency: 100 MHz
External crystal frequency: 25 MHz
Low RMS phase jitter at 100 MHz, using 25 MHz crystal
(637 kHz to 10 MHz): 0.53 ps (typical)
Pb-free 8-Pin TSSOP package
Supply voltage: 3.3 V or 2.5 V
Commercial temperature range
Functional Description
The CY2XL11 is a PLL based high performance clock generator
with a crystal oscillator interface and one LVDS output pair. It is
optimized to generate PCI Express, FC, and other high-
performance clock frequencies. It also produces an output
frequency that is four times the crystal frequency. It uses
Cypress’s low-noise VCO technology to achieve less than 1 ps
typical RMS phase jitter, that meets high-performance systems’
jitter requirements.
Output
Divider
OE
Crystal
Oscillator
CLK#
Low-Noise PLL
CLK
XOUT
XIN
External
Crystal
Logic Block Diagram
Pinouts
Figure 1. Pin Diagram - 8-Pin TSSOP
1
2
36
7
8
XOUT
XIN
OE
VSS
VDD
CLK#
45
VDD
CLK
Table 1. Pin Definition – 8-Pin TSSOP
Pin Number
Pin Name
I/O Type
Description
1, 8
VDD
Power
3.3 V or 2.5 V power supply. All supply current flows through pin 1
2
VSS
Power
Ground
3, 4
XOUT, XIN
XTAL output and input
Parallel resonant crystal interface
5
OE
CMOS input
Output enable. When HIGH, the output is enabled. When LOW, the
output is high-impedance
6,7
CLK#, CLK
LVDS output
Differential clock output
[+] Feedback


Similar Part No. - CY2XL11ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXCT CYPRESS-CY2XL11ZXCT Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXCT CYPRESS-CY2XL11ZXCT Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
More results

Similar Description - CY2XL11ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
logo
ON Semiconductor
NB3N3011 ONSEMI-NB3N3011 Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
logo
Texas Instruments
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Skyworks Solutions Inc.
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
KR Electronics, Inc.
2900 KR-2900 Datasheet
35Kb / 2P
   100 MHz Center Frequency
logo
NXP Semiconductors
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
   CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
logo
Cypress Semiconductor
CY26126 CYPRESS-CY26126 Datasheet
108Kb / 4P
   Dual Output 125-MHz Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com