Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XP41 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2XP41
Description  Crystal to LVPECL Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XP41 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY2XP41_11 Datasheet HTML 2Page - Cypress Semiconductor CY2XP41_11 Datasheet HTML 3Page - Cypress Semiconductor CY2XP41_11 Datasheet HTML 4Page - Cypress Semiconductor CY2XP41_11 Datasheet HTML 5Page - Cypress Semiconductor CY2XP41_11 Datasheet HTML 6Page - Cypress Semiconductor CY2XP41_11 Datasheet HTML 7Page - Cypress Semiconductor CY2XP41_11 Datasheet HTML 8Page - Cypress Semiconductor CY2XP41_11 Datasheet HTML 9Page - Cypress Semiconductor CY2XP41_11 Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY2XP41
Document #: 001-48923 Rev. *C
Page 6 of 10
Measurement Definitions
Figure 2. Output Load AC Test Circuit
Figure 3. RMS Phase Jitter
Figure 4. Output Duty Cycle
Figure 5. Output Rise and Fall Time and Peak-Peak Voltage Swing
Measurement
Point
CLK
CLK#
3.3 V
Z=50
Ω
Z=50
Ω
3.3 V
110
Ω
110
Ω
62
Ω
62
Ω
2pF
2pF
Noise Power
Offset Frequency
1.5 MHz
10 MHz
Phase Noise
Phase Noise Mask
40 dB/Decade
20 dB/Decade
RMS Jitter =
vArea Under the Masked Phase Noise Plot
CLK
T
PW
T
PERIOD
T
DC =
T
PW
T
PERIOD
CLK#
VPP
TR
TF
80%
20%
CLK
CLK#
VSS
VCM
[+] Feedback


Similar Part No. - CY2XP41_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP41ZXC CYPRESS-CY2XP41ZXC Datasheet
321Kb / 8P
   Crystal to LVPECL Clock Generator
More results

Similar Description - CY2XP41_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XP24ZXC CYPRESS-CY2XP24ZXC Datasheet
342Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP22ZXC CYPRESS-CY2XP22ZXC Datasheet
248Kb / 8P
   Crystal to LVPECL Clock Generator
CY2XP41ZXC CYPRESS-CY2XP41ZXC Datasheet
321Kb / 8P
   Crystal to LVPECL Clock Generator
logo
Integrated Circuit Syst...
ICS843071I ICST-ICS843071I Datasheet
303Kb / 15P
   FEMTOCLOCKS??CRYSTAL-TO- LVPECL CLOCK GENERATOR
ICS843031 ICST-ICS843031 Datasheet
211Kb / 11P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843051 ICST-ICS843051 Datasheet
241Kb / 15P
   FEMTOCLOCKS CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843001BI ICST-ICS843001BI Datasheet
233Kb / 13P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
ICS843251-04 ICST-ICS843251-04 Datasheet
145Kb / 10P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
logo
Cypress Semiconductor
CY2XP24 CYPRESS-CY2XP24_11 Datasheet
404Kb / 12P
   Crystal to LVPECL Clock Generator One LVPECL Output Pair
logo
Integrated Circuit Syst...
ICS843252-04 ICST-ICS843252-04 Datasheet
161Kb / 12P
   FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com