Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2X013LXI125T Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2X013LXI125T
Description  LVDS Crystal Oscillator (XO) Low jitter crystal oscillato
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X013LXI125T Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2X013LXI125T Datasheet HTML 1Page - Cypress Semiconductor CY2X013LXI125T Datasheet HTML 2Page - Cypress Semiconductor CY2X013LXI125T Datasheet HTML 3Page - Cypress Semiconductor CY2X013LXI125T Datasheet HTML 4Page - Cypress Semiconductor CY2X013LXI125T Datasheet HTML 5Page - Cypress Semiconductor CY2X013LXI125T Datasheet HTML 6Page - Cypress Semiconductor CY2X013LXI125T Datasheet HTML 7Page - Cypress Semiconductor CY2X013LXI125T Datasheet HTML 8Page - Cypress Semiconductor CY2X013LXI125T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY2X013
Document Number: 001-10261 Rev. *G
Page 3 of 10
Programming Description
The CY2X013 is a programmable device. Prior to being used in
an application, it must be programmed with the output frequency
and other variables described in Programming Variables. Two
different device types are available, each with its own
programming flow. They are described in the following sections.
Field Programmable CY2X013F
Field programmable devices are shipped unprogrammed and
must be programmed before being installed on a PCB.
Customers use CyClockWizard™ software to specify the device
configuration and generate a joint electron devices engineering
council
(JEDEC - extension .jed)
programming
file.
Programming of samples and prototype quantities is available
using
the
CyClockWizard
software
along
with
a
CY3675-CLKMAKER1 CyClockMaker Clock Programmer Kit
with a CY3675-LCC6A socket adapter. Cypress’s value-added
distribution
partners
also
provide
programming
services. Field-programmable devices are designated with an ‘F’
in the part number. They are intended for quick prototyping and
inventory reduction.
You can download the software and programmer kit hardware
from www.cypress.com by clicking the hyperlinks in the previous
paragraph.
Factory Configured CY2X013
For ready-to-use devices, the CY2X013 is available with no field
programming required. Pre-configured devices (see Standard
and Application-Specific Factory Configurations) are available
for samples or orders, or a request for a custom configuration
can be made. All requests are submitted to the local Cypress
field application engineer (FAE) or sales representative. After the
request is processed, the user receives a new part number,
samples, and datasheet with the programmed values. This part
number is used for additional sample requests and production
orders. The CY2X013 is one-time programmable (OTP).
Programming Variables
Output Frequency
The CY2X013 can synthesize a frequency to a resolution of one
part per million (ppm), but the actual accuracy of the output
frequency is limited by the accuracy of the integrated reference
crystal.
The CY2X013 has an output frequency range of 50 MHz to
690 MHz, but the range is not continuous. The CY2X013 cannot
generate frequencies in the ranges of 521 MHz to 529 MHz and
596 MHz to 617 MHz.
Pin 1: Output Enable (OE) or Power-Down (PD#)
Pin 1 is programmed as either OE or PD#. The OE function is
used to enable or disable the CLK output quickly, but it does not
reduce core power consumption. The PD# function puts the
device into a low-power state, but the wake-up takes longer
because the PLL must reacquire the lock.
Industrial versus Commercial Device Performance
Industrial and commercial devices have different internal
crystals. They
have
a
potentially
significant
impact
on
performance levels for applications requiring the lowest possible
phase noise. CyClockWIzard software allows the user to select
between and view the expected performance of both options.
Table 2. Device Programming Variables
Variable
Output frequency
Pin 1 function (OE or PD#)
Temperature range (commercial or industrial)
[+] Feedback


Similar Part No. - CY2X013LXI125T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X013LXIxxxT CYPRESS-CY2X013LXIxxxT Datasheet
260Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2X013LXI125T

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
Integrated Device Techn...
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com