Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XL11 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2XL11
Description  100 MHz LVDS Clock Generator Output frequency: 100 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XL11 Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY2XL11 Datasheet HTML 1Page - Cypress Semiconductor CY2XL11 Datasheet HTML 2Page - Cypress Semiconductor CY2XL11 Datasheet HTML 3Page - Cypress Semiconductor CY2XL11 Datasheet HTML 4Page - Cypress Semiconductor CY2XL11 Datasheet HTML 5Page - Cypress Semiconductor CY2XL11 Datasheet HTML 6Page - Cypress Semiconductor CY2XL11 Datasheet HTML 7Page - Cypress Semiconductor CY2XL11 Datasheet HTML 8Page - Cypress Semiconductor CY2XL11 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CY2XL11
Document Number: 001-42886 Rev. *F
Page 8 of 9
Document History Page
Document Title: CY2XL11 100 MHz LVDS Clock Generator
Document Number: 001- 42886
REV.
ECN NO.
Submission
Date
Orig. of
Change
Description of Change
**
2117527
See ECN
WWZ/KVM
/AESA
New data sheet
*A
2669117
03/05/2009
KVM/
AESA
Changed crystal and output frequency
Removed MSL spec
Changed IIL value from -20 uA to -50 uA
Changed IIH value from 20 uA to 115 uA
Changed phase jitter value from 1 to 0.53 ps
Changed junction temp from 125
°C to 135°C
Changed IDD from 150 mA to 120 mA
Rise / fall time changed to 350 ps to 500ps
Changed Data Sheet Status to Final
*B
2700242
04/30/2009
KVM/
PYRS
Typo correction
Reformatted AC and DC tables
Added IDD spec for 2.5V
Added CINX and TLOCK specs
Changed CIN from 7pF to 15pF
*C
2718433
06/12/2009
WWZ/HMT No change. Submit to ECN for product launch.
*D
2764787
09/18/2009
KVM
Add clause to IOZ Test Conditions
Change VOD limits from 250/450 mV to 247/454 mV
Add max limit for TR, TF: 1.0 ns
Change TOE max from 100 ns to 120 ns
Change TLOCK max from 10 ms to 5 ms
*E
3067416
10/20/20
BASH
Added the industrial part in Ordering Information table.
Updated the package diagram.
Added Ordering Code Definition, Acronyms, and Document Conventions.
*F
3199831
03/18/11
CXQ
No change. Sunset review spec.
[+] Feedback


Similar Part No. - CY2XL11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXCT CYPRESS-CY2XL11ZXCT Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXCT CYPRESS-CY2XL11ZXCT Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
More results

Similar Description - CY2XL11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
logo
ON Semiconductor
NB3N3011 ONSEMI-NB3N3011 Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
logo
Texas Instruments
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Skyworks Solutions Inc.
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
KR Electronics, Inc.
2900 KR-2900 Datasheet
35Kb / 2P
   100 MHz Center Frequency
logo
NXP Semiconductors
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
   CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
logo
Cypress Semiconductor
CY26126 CYPRESS-CY26126 Datasheet
108Kb / 4P
   Dual Output 125-MHz Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com