Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2XL11 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2XL11
Description  100 MHz LVDS Clock Generator Output frequency: 100 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2XL11 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2XL11 Datasheet HTML 1Page - Cypress Semiconductor CY2XL11 Datasheet HTML 2Page - Cypress Semiconductor CY2XL11 Datasheet HTML 3Page - Cypress Semiconductor CY2XL11 Datasheet HTML 4Page - Cypress Semiconductor CY2XL11 Datasheet HTML 5Page - Cypress Semiconductor CY2XL11 Datasheet HTML 6Page - Cypress Semiconductor CY2XL11 Datasheet HTML 7Page - Cypress Semiconductor CY2XL11 Datasheet HTML 8Page - Cypress Semiconductor CY2XL11 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY2XL11
Document Number: 001-42886 Rev. *F
Page 4 of 9
Switching Waveforms
Figure 2. Output Voltage Swing
Figure 3. Output Offset Voltage
Figure 4. Output Rise or Fall Time
Figure 5. Duty Cycle Timing
Figure 6. Output Enable and Disable Timing
CLK
CLK#
V
OD2
V
OD1
ΔV
OD = VOD1 - VOD2
CLK
50
Ω
CLK#
50
Ω
V
OS
20%
80%
T
R
CLK
20%
80%
CLK#
T
F
CLK
T
PW
T
PERIOD
T
DC =
T
PW
T
PERIOD
CLK#
OE
CLK
High Impedance
T
OHZ
T
OE
V
IL
V
IH
CLK#
[+] Feedback


Similar Part No. - CY2XL11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXCT CYPRESS-CY2XL11ZXCT Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11ZXCT CYPRESS-CY2XL11ZXCT Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
More results

Similar Description - CY2XL11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2XL11ZXC CYPRESS-CY2XL11ZXC Datasheet
331Kb / 7P
   100 MHz LVDS Clock Generator
CY2XL11 CYPRESS-CY2XL11 Datasheet
330Kb / 7P
   100 MHz LVDS Clock Generator
logo
ON Semiconductor
NB3N3011 ONSEMI-NB3N3011 Datasheet
161Kb / 7P
   3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 0
logo
Texas Instruments
CDCM9102_1209 TI1-CDCM9102_1209 Datasheet
620Kb / 20P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
CDCM9102 TI-CDCM9102 Datasheet
767Kb / 22P
[Old version datasheet]   Low-Noise Two-Channel 100-MHz Clock Generator
logo
Skyworks Solutions Inc.
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
KR Electronics, Inc.
2900 KR-2900 Datasheet
35Kb / 2P
   100 MHz Center Frequency
logo
NXP Semiconductors
PCK2014A PHILIPS-PCK2014A Datasheet
105Kb / 16P
   CK98 100/133 MHz spread spectrum system clock generator
2001 Apr 02
logo
Cypress Semiconductor
CY26126 CYPRESS-CY26126 Datasheet
108Kb / 4P
   Dual Output 125-MHz Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com