Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2X013LXI122T Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2X013LXI122T
Description  LVDS Crystal Oscillator (XO) Low jitter crystal oscillato
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2X013LXI122T Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2X013LXI122T Datasheet HTML 1Page - Cypress Semiconductor CY2X013LXI122T Datasheet HTML 2Page - Cypress Semiconductor CY2X013LXI122T Datasheet HTML 3Page - Cypress Semiconductor CY2X013LXI122T Datasheet HTML 4Page - Cypress Semiconductor CY2X013LXI122T Datasheet HTML 5Page - Cypress Semiconductor CY2X013LXI122T Datasheet HTML 6Page - Cypress Semiconductor CY2X013LXI122T Datasheet HTML 7Page - Cypress Semiconductor CY2X013LXI122T Datasheet HTML 8Page - Cypress Semiconductor CY2X013LXI122T Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CY2X013
LVDS Crystal Oscillator (XO)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-10261 Rev. *G
Revised March 25, 2011
Features
Low jitter crystal oscillator (XO)
Less than 1 ps typical root mean square (RMS) phase jitter
Low-voltage differential signaling (LVDS) output
Output frequency from 50 MHz to 690 MHz
Factory-configured or field-programmable
Integrated phase-locked loop (PLL)
Output enable (OE) or power-down (PD#) function
Supply voltage: 3.3 V or 2.5 V
Pb-free package: 5.0 × 3.2 mm leadless chip carrier (LCC)
Commercial and industrial temperature ranges
Functional Description
The CY2X013 is a high-performance and high-frequency XO.
The device uses a Cypress proprietary low-noise PLL to
synthesize the frequency from an integrated crystal.
The CY2X013 is available as a factory-configured device or as
a field-programmable device. Factory-configured devices are
configured
for
general
use
(see
Standard
and
Appli-
cation-Specific
Factory
Configurations)
or
they
can
be
customer-specific.
Logic Block Diagram
PROGRAMMABLE
CONFIGURATION
OUTPUT
DIVIDER
1
6
3
VDD
VSS
OE/PD#
CRYSTAL
OSCILLATOR
LOW- NOISE
PLL
4
CLK
5
CLK#
[+] Feedback


Similar Part No. - CY2X013LXI122T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2X013LXIxxxT CYPRESS-CY2X013LXIxxxT Datasheet
260Kb / 7P
   6-Pin Ceramic LCC SMD - Tape and Reel
More results

Similar Description - CY2X013LXI122T

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI535 SILICONIMAGE-SI535 Datasheet
276Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
logo
Skyworks Solutions Inc.
SI535 SKYWORKS-SI535 Datasheet
738Kb / 12P
   ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3
logo
Integrated Device Techn...
XLL IDT-XLL_17 Datasheet
429Kb / 13P
   IDT XO LVDS Crystal Oscillator
XUL IDT-XUL_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
XUM IDT-XUM_17 Datasheet
294Kb / 12P
   IDT XO LVDS Crystal Oscillator
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com