Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B2G0846D-HYK0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4B2G0846D-HYK0
Description  2Gb D-die DDR3L SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B2G0846D-HYK0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4B2G0846D-HYK0 Datasheet HTML 7Page - Samsung semiconductor K4B2G0846D-HYK0 Datasheet HTML 8Page - Samsung semiconductor K4B2G0846D-HYK0 Datasheet HTML 9Page - Samsung semiconductor K4B2G0846D-HYK0 Datasheet HTML 10Page - Samsung semiconductor K4B2G0846D-HYK0 Datasheet HTML 11Page - Samsung semiconductor K4B2G0846D-HYK0 Datasheet HTML 12Page - Samsung semiconductor K4B2G0846D-HYK0 Datasheet HTML 13Page - Samsung semiconductor K4B2G0846D-HYK0 Datasheet HTML 14Page - Samsung semiconductor K4B2G0846D-HYK0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
- 11 -
datasheet
DDR3L SDRAM
Rev. 1.01
K4B2G0846D
K4B2G0446D
6. Absolute Maximum Ratings
6.1 Absolute Maximum DC Ratings
[ Table 4 ] Absolute Maximum DC Ratings
NOTE :
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JESD51-2 standard.
3. VDD and VDDQ must be within 300mV of each other at all times;and VREF must be not greater than 0.6 x VDDQ, When VDD and VDDQ are less than 500mV; VREF may be
equal to or less than 300mV.
6.2 DRAM Component Operating Temperature Range
[ Table 5 ] Temperature Range
NOTE :
1. Operating Temperature TOPER is the case surface temperature on the center/top side of the DRAM. For measurement conditions, please refer to the JEDEC document
JESD51-2.
2. The Normal Temperature Range specifies the temperatures where all DRAM specifications will be supported. During operation, the DRAM case temperature must be main-
tained between 0-85
°C under all operating conditions
3. Some applications require operation of the Extended Temperature Range between 85
°C and 95°C case temperature. Full specifications are guaranteed in this range, but the
following additional conditions apply:
a) Refresh commands must be doubled in frequency, therefore reducing the refresh interval tREFI to 3.9us.
b) If Self-Refresh operation is required in the Extended Temperature Range, then it is mandatory to either use the Manual Self-Refresh mode with Extended Temperature
Range capability (MR2 A6 = 0b and MR2 A7 = 1b), in this case IDD6 current can be increased around 10~20% than normal Temperature range.
7. AC & DC Operating Conditions
7.1 Recommended DC operating Conditions (SSTL_1.5)
[ Table 6 ] Recommended DC Operating Conditions
NOTE :
1. Under all conditions VDDQ must be less than or equal to VDD.
2. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
3. VDD & VDDQ rating are determined by operation voltage.
Symbol
Parameter
Rating
Units
NOTE
VDD
Voltage on VDD pin relative to Vss
-0.4 V ~ 1.975 V
V
1,3
VDDQ
Voltage on VDDQ pin relative to Vss
-0.4 V ~ 1.975 V
V
1,3
VIN, VOUT
Voltage on any pin relative to Vss
-0.4 V ~ 1.975 V
V
1
TSTG
Storage Temperature
-55 to +100
°C
1, 2
Symbol
Parameter
rating
Unit
NOTE
TOPER
Operating Temperature Range
0 to 95
°C
1, 2, 3
Symbol
Parameter
Operation Voltage
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.35V
1.283
1.35
1.45
V
1, 2, 3
1.5V
1.425
1.5
1.575
V
1, 2, 3
VDDQ
Supply Voltage for Output
1.35V
1.283
1.35
1.45
V
1, 2, 3
1.5V
1.425
1.5
1.575
V
1, 2, 3


Similar Part No. - K4B2G0846D-HYK0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B2G0846A SAMSUNG-K4B2G0846A Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
K4B2G0846B SAMSUNG-K4B2G0846B Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
K4B2G0846B SAMSUNG-K4B2G0846B Datasheet
542Kb / 15P
   Consumer Memory
K4B2G0846C SAMSUNG-K4B2G0846C Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
K4B2G0846C SAMSUNG-K4B2G0846C Datasheet
542Kb / 15P
   Consumer Memory
More results

Similar Description - K4B2G0846D-HYK0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G83FFR HYNIX-H5TC2G83FFR Datasheet
426Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43BFR HYNIX-H5TC2G43BFR Datasheet
524Kb / 32P
   2Gb DDR3L SDRAM
logo
Samsung semiconductor
K4B2G1646Q SAMSUNG-K4B2G1646Q Datasheet
1Mb / 71P
   2Gb Q-die DDR3L SDRAM Only x16
logo
Hynix Semiconductor
H5TC2G43CFR HYNIX-H5TC2G43CFR Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
H5TC2G63FFR HYNIX-H5TC2G63FFR Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G43EFR HYNIX-H5TC2G43EFR Datasheet
442Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G83DFR HYNIX-H5TC2G83DFR Datasheet
419Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43AFR HYNIX-H5TC2G43AFR Datasheet
511Kb / 31P
   2Gb DDR3L SDRAM
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com