Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B2G0446D-HYH9 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K4B2G0446D-HYH9
Description  2Gb D-die DDR3L SDRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B2G0446D-HYH9 Datasheet(HTML) 5 Page - Samsung semiconductor

  K4B2G0446D-HYH9 Datasheet HTML 1Page - Samsung semiconductor K4B2G0446D-HYH9 Datasheet HTML 2Page - Samsung semiconductor K4B2G0446D-HYH9 Datasheet HTML 3Page - Samsung semiconductor K4B2G0446D-HYH9 Datasheet HTML 4Page - Samsung semiconductor K4B2G0446D-HYH9 Datasheet HTML 5Page - Samsung semiconductor K4B2G0446D-HYH9 Datasheet HTML 6Page - Samsung semiconductor K4B2G0446D-HYH9 Datasheet HTML 7Page - Samsung semiconductor K4B2G0446D-HYH9 Datasheet HTML 8Page - Samsung semiconductor K4B2G0446D-HYH9 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
- 5 -
datasheet
DDR3L SDRAM
Rev. 1.01
K4B2G0846D
K4B2G0446D
1. Ordering Information
[ Table 1 ] Samsung 2Gb DDR3L D-die ordering information table
NOTE :
1. Speed bin is in order of CL-tRCD-tRP.
2. Backward compatible to DDR3L-1333(9-9-9), DDR3L-1066(7-7-7)
3. Backward compatible to DDR3L-1066(7-7-7)
2. Key Features
[ Table 2 ] 2Gb DDR3 D-die Speed bins
Organization
DDR3L-1066 (7-7-7)
DDR3L-1333 (9-9-9)3
DDR3L-1600 (11-11-11)2
Package
512Mx4
K4B2G0446D-HYF8
K4B2G0446D-HYH9
K4B2G0446D-HYK0
78 FBGA
256Mx8
K4B2G0846D-HYF8
K4B2G0846D-HYH9
K4B2G0846D-HYK0
78 FBGA
Speed
DDR3-800
DDR3-1066
DDR3-1333
DDR3-1600
Unit
6-6-6
7-7-7
9-9-9
11-11-11
tCK(min)
2.5
1.875
1.5
1.25
ns
CAS Latency
6
7
9
11
nCK
tRCD(min)
15
13.125
13.5
13.75
ns
tRP(min)
15
13.125
13.5
13.75
ns
tRAS(min)
37.5
37.5
36
35
ns
tRC(min)
52.5
50.625
49.5
48.75
ns
• JEDEC standard 1.35V(1.28V~1.45V) & 1.5V(1.425V~1.575V)
•VDDQ = 1.35V(1.28V~1.45V) & 1.5V(1.425V~1.575V)
• 400 MHz fCK for 800Mb/sec/pin, 533MHz fCK for 1066Mb/sec/pin,
667MHz fCK for 1333Mb/sec/pin, 800MHz fCK for 1600Mb/sec/pin
• 8 Banks
• Programmable CAS Latency(posted CAS): 5,6,7,8,9,10,11
• Programmable Additive Latency: 0, CL-2 or CL-1 clock
• Programmable CAS Write Latency (CWL) = 5(DDR3-800),
6(DDR3-1066), 7(DDR3-1333) and 8(DDR3-1600)
• 8-bit pre-fetch
• Burst Length: 8 (Interleave without any limit, sequential with starting
address “000” only), 4 with tCCD = 4 which does not allow seamless
read or write [either On the fly using A12 or MRS]
• Bi-directional Differential Data-Strobe
• Internal(self) calibration : Internal self calibration through ZQ pin
(RZQ : 240 ohm ± 1%)
• On Die Termination using ODT pin
• Average Refresh Period 7.8us at lower than TCASE 85°C, 3.9us at
85
°C < TCASE < 95 °C
• Asynchronous Reset
• Package : 78 balls FBGA - x4/x8
• All of Lead-Free products are compliant for RoHS
• All of products are Halogen-free
The 2Gb DDR3 SDRAM D-die is organized as a 64Mbit x 4 I/Os x 8banks,
32Mbit x 8 I/Os x 8banks device. This synchronous device achieves high
speed double-data-rate transfer rates of up to 1600Mb/sec/pin (DDR3-
1600) for general applications.
The chip is designed to comply with the following key DDR3 SDRAM fea-
tures such as posted CAS, Programmable CWL, Internal (Self) Calibration,
On Die Termination using ODT pin and Asynchronous Reset .
All of the control and address inputs are synchronized with a pair of exter-
nally supplied differential clocks. Inputs are latched at the crosspoint of dif-
ferential clocks (CK rising and CK falling). All I/Os are synchronized with a
pair of bidirectional strobes (DQS and DQS) in a source synchronous fash-
ion. The address bus is used to convey row, column, and bank address
information in a RAS/CAS multiplexing style. The DDR3 device operates
with a single 1.35V(1.28V~1.45V) or 1.5V(1.425V~1.575V) power supply
and 1.35V(1.28V~1.45V) or 1.5V(1.425V~1.575V).
The 2Gb DDR3 D-die device is available in 78ball FBGAs(x4/x8)
NOTE : 1. This data sheet is an abstract of full DDR3 specification and does not cover the common features which are described in “DDR3 SDRAM Device Operation & Timing
Diagram”.
2. The functionality described and the timing specifications included in this data sheet are for the DLL Enabled mode of operation.


Similar Part No. - K4B2G0446D-HYH9

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B2G0446B SAMSUNG-K4B2G0446B Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
K4B2G0446C SAMSUNG-K4B2G0446C Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
K4B2G0446E SAMSUNG-K4B2G0446E Datasheet
721Kb / 23P
   DDR3 SDRAM Memory
K4B2G0446Q-BC SAMSUNG-K4B2G0446Q-BC Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
K4B2G0446Q-BYK0 SAMSUNG-K4B2G0446Q-BYK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - K4B2G0446D-HYH9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC2G83FFR HYNIX-H5TC2G83FFR Datasheet
426Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43BFR HYNIX-H5TC2G43BFR Datasheet
524Kb / 32P
   2Gb DDR3L SDRAM
logo
Samsung semiconductor
K4B2G1646Q SAMSUNG-K4B2G1646Q Datasheet
1Mb / 71P
   2Gb Q-die DDR3L SDRAM Only x16
logo
Hynix Semiconductor
H5TC2G43CFR HYNIX-H5TC2G43CFR Datasheet
428Kb / 32P
   2Gb DDR3L SDRAM
HMT312S6DFR6A HYNIX-HMT312S6DFR6A Datasheet
938Kb / 48P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb D-die
H5TC2G63FFR HYNIX-H5TC2G63FFR Datasheet
412Kb / 32P
   2Gb DDR3L SDRAM
H5TC2G43EFR HYNIX-H5TC2G43EFR Datasheet
442Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G83DFR HYNIX-H5TC2G83DFR Datasheet
419Kb / 33P
   2Gb DDR3L SDRAM
H5TC2G43AFR HYNIX-H5TC2G43AFR Datasheet
511Kb / 31P
   2Gb DDR3L SDRAM
HMT325S6CFR8A HYNIX-HMT325S6CFR8A Datasheet
1Mb / 50P
   DDR3L SDRAM Unbuffered SODIMMs Based on 2Gb C-die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com