Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC897127K Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC897127K
Description  SCSI CD-ROM Decoder with On-Chip DVD Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC897127K Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC897127K Datasheet HTML 1Page - Sanyo Semicon Device LC897127K Datasheet HTML 2Page - Sanyo Semicon Device LC897127K Datasheet HTML 3Page - Sanyo Semicon Device LC897127K Datasheet HTML 4Page - Sanyo Semicon Device LC897127K Datasheet HTML 5Page - Sanyo Semicon Device LC897127K Datasheet HTML 6Page - Sanyo Semicon Device LC897127K Datasheet HTML 7Page - Sanyo Semicon Device LC897127K Datasheet HTML 8Page - Sanyo Semicon Device LC897127K Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
No. 6251-3/14
LC897127K
SCSI Pin Input Characteristics
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input threshold voltage
Vt+t1
VDD = 4.50 to 5.50 V
1.60
2.00
V
Vt–t1
0.80
1.10
V
Hysteresis width
∆Vtt1
VDD = 5.0 V
0.41
0.5
V
Active Low Output Characteristics
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Output high-level voltage
VOH
2.5
V
Output low-level voltage
VOL
0.4
V
Note: Only applies to the active-low output pins DB0 to DB7, REQ, and DBPB
Rise Time Test Circuit
SCSI
Driver
TP
47
Ω±5%
15pF
±5%
2.5V
+
A12548
Recommended Oscillator and PLL Circuits
LC897127
R1
R2
C2
C1
XTALCK0
PN27
XTAL0
PN28
PN69
PN70
PN71
A12549
LC897127
PLL
R5
R4
C3
R3
A12550
R1 = 120 k
Ω, R2 = 47 Ω, C1 = 30 pF
Crystal element oscillator frequency XTALCK0 = 16.9344 MHz
R3 = 7.5 k
Ω, R4 = 200 Ω, R5 = 10k Ω, C3 = 0.1 µF
Note: The values listed above for R3, R4, R5, and C3 also apply when the XTALKC0 frequency is 33.8688 MHz.
Applications must be designed so that the analog VDD and VSS power supply system is completely independent of the
logic system power supply and is not affected by the logic system power supply in any way.
Since the exact values of these components will vary depending on characteristics of the printed circuit board used and
other factors, consult the manufacturer of the crystal element when designing the oscillator circuit.


Similar Part No. - LC897127K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC897194 SANYO-LC897194 Datasheet
84Kb / 11P
   CD-ROM Decoder with Built-In ATAPI (IDE) and DVD ECC Interfaces
More results

Similar Description - LC897127K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
LC895125Q SANYO-LC895125Q Datasheet
113Kb / 11P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895124 SANYO-LC895124 Datasheet
84Kb / 8P
   CD-ROM Driver with On-Chip SCSI Interface and Subcode Functions
LC895199K SANYO-LC895199K Datasheet
65Kb / 12P
   32 CD-ROM Decoder with ATAPI (IDE) Interface
logo
Sony Corporation
CXD1804AR SONY-CXD1804AR Datasheet
794Kb / 103P
   CD-ROM Decoder
CXD1803AQ SONY-CXD1803AQ Datasheet
385Kb / 46P
   CD-ROM DECODER
CXD1806AQ SONY-CXD1806AQ Datasheet
1Mb / 48P
   CD-ROM DECODER
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
CXD1199AQ SONY-CXD1199AQ Datasheet
349Kb / 42P
   CD-ROM DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com